Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

381LX103M063K052 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 381LX103M063K052
Description  Top performance in power supplies and motor drives
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

381LX103M063K052 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 381LX103M063K052 Datasheet HTML 3Page - List of Unclassifed Manufacturers 381LX103M063K052 Datasheet HTML 4Page - List of Unclassifed Manufacturers 381LX103M063K052 Datasheet HTML 5Page - List of Unclassifed Manufacturers 381LX103M063K052 Datasheet HTML 6Page - List of Unclassifed Manufacturers 381LX103M063K052 Datasheet HTML 7Page - List of Unclassifed Manufacturers 381LX103M063K052 Datasheet HTML 8Page - List of Unclassifed Manufacturers 381LX103M063K052 Datasheet HTML 9Page - List of Unclassifed Manufacturers 381LX103M063K052 Datasheet HTML 10Page - List of Unclassifed Manufacturers 381LX103M063K052 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 381LX / 383LX 105 °C High Ripple, Snap-In Aluminum
High Ripple, Long Life, 2,4 and 5 pin styles available
Cap.
(µF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +105°C
Size
120 Hz 20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
100 Vdc (125 Vdc Surge)
1500
381LX152M100H042
0.155
0.100
2.30
2.80
22 x 40
1500
381LX152M100K012
0.155
0.100
2.30
2.80
30 x 25
1800
381LX182M100J042
0.138
0.090
2.30
2.65
25 x 40
2200
381LX222M100J042
0.121
0.080
2.60
2.99
25 x 40
2200
381LX222M100J452
0.090
0.060
2.60
3.90
25 x 45
2700
381LX272M100A022
0.092
0.060
2.90
3.34
35 x 30
3300
381LX332M100K052
0.075
0.053
3.20
4.80
30 x 50
3300
381LX332M100A042
0.075
0.053
3.20
4.80
35 x 40
3900
381LX392M100K052
0.064
0.043
3.60
4.14
30 x 50
4700
381LX472M100A052
0.053
0.040
3.80
5.70
35 x 50
4700
383LX472M100N042
0.053
0.040
3.80
5.70
40 x 40
5600
381LX562M100A052
0.044
0.033
4.10
4.70
35 x 50
5600
383L562M100N062
0.027
0.012
4.60
6.50
40 x 63
6800
383LX682M100N052
0.037
0.027
4.60
5.30
40 x 50
8200
383LX822M100N062
0.030
0.023
5.00
5.77
40 x 63
8200
383L822M100N082
0.020
0.009
6.00
8.20
40 x 80
8200
383LX822M100B052V
0.030
0.023
6.14
7.06
50 x 50
10000
381LX103M100A082
0.033
0.025
6.38
7.34
35 x 80
12000
383LX123M100N082
0.021
0.016
6.44
7.40
40 x 80
12000
383LX123M100B062V
0.022
0.017
7.17
8.25
50 x 63
15000
383LX153M100N102
0.017
0.012
7.37
8.48
40 x 105
15000
383LX153M100B082V
0.019
0.014
8.01
9.21
50 x 80
18000
383LX183M100B092V
0.017
0.012
8.64
9.94
50 x 92
22000
383LX223M100B102V
0.015
0.011
9.32
10.72 50 x 105
160 Vdc (200 Vdc Surge)
470
381LX471M160H022
0.423
0.190
1.40
2.00
22 x 30
560
381LX561M160H032
0.355
0.160
1.50
2.10
22 x 35
680
381LX681M160H042
0.293
0.132
1.70
2.40
22 x 40
820
381LX821M160J042
0.243
0.109
2.00
2.80
25 x 40
1000
381LX102M160J042
0.216
0.108
2.20
3.08
25 x 40
1200
381LX122M160K032
0.180
0.090
2.30
3.20
30 x 35
1500
381LX152M160K452
0.155
0.077
2.50
3.50
30 x 45
1800
381LX182M160K452
0.111
0.055
2.70
3.78
30 x 45
2200
381LX222M160K052
0.098
0.049
2.90
4.06
30 x 50
2200
383LX222M160N042
0.100
0.060
2.90
4.10
40 x 40
2700
383L272M160N062
0.045
0.027
3.80
5.00
40 x 63
3300
383LX332M160N052
0.070
0.040
3.40
4.70
40 x 40
180 Vdc (225 Vdc Surge)
270
381LX271M180H012
0.737
0.376
1.10
1.50
22 x 25
330
381LX331M180H022
0.603
0.308
1.20
1.70
22 x 30
390
381LX391M180J012
0.510
0.260
1.30
1.80
25 x 25
470
381LX471M180H032
0.423
0.216
1.40
2.00
22 x 35
Cap.
(µF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +105°C
Size
120 Hz 20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
180 Vdc (225 Vdc Surge)
560
381LX561M180H042 0.355
0.181
1.50
2.10
22 x 40
680
381LX681M180J032 0.293
0.149
1.70
2.38
25 x 35
820
381LX821M180K022 0.243
0.124
2.00
2.80
30 x 30
1000
381LX102M180J052 0.216
0.097
2.20
3.08
25 x 50
1200 381LX122M180K452 0.166
0.085
2.30
3.20
30 x 45
1500 381LX152M180K052 0.133
0.068
2.50
3.50
30 x 50
1800 381LX182M180A452 0.111
0.050
2.70
3.80
35 x 45
1800
383L182M180N052
0.059
0.033
3.10
4.20
40 x 50
2200 381LX222M180A052 0.090
0.046
2.90
4.10
35 x 50
2200
383L222M180N062
0.048
0.027
3.70
4.90
40 x 63
3300
383L332M180N082
0.035
0.020
4.80
6.30
40 x 80
200 Vdc (250 Vdc Surge)
100
381LX101M200H012 1.660
0.750
0.50
0.70
22 x 25
150
381LX151M200H012 1.100
0.500
0.70
0.95
22 x 25
220
381LX221M200H012 0.754
0.339
1.00
1.40
22 x 25
270
381LX271M200H012 0.730
0.300
1.10
1.50
22 x 25
270
381LX271M200J012 0.614
0.276
1.10
1.50
25 x 25
330
381LX331M200H022 0.603
0.308
1.25
1.79
22 x 30
330
381LX331M200J012 0.603
0.308
1.20
1.70
25 x 25
390
381LX391M200H022 0.510
0.230
1.30
1.80
22 x 30
470
381LX471M200J022 0.423
0.190
1.40
2.00
25 x 30
470
381LX471M200K012 0.353
0.159
1.40
2.00
30 x 25
560
381LX561M200H042 0.355
0.160
1.50
2.10
22 x 40
560
381LX561M200J022 0.355
0.160
1.50
2.10
25 x 30
680
381LX681M200J042 0.293
0.132
1.70
2.40
25 x 40
680
381LX681M200K022 0.244
0.110
1.70
2.40
30 x 30
820
381LX821M200H452 0.263
0.118
2.00
2.80
22 x 45
820
381LX821M200J042 0.243
0.109
2.04
2.92
25 x 40
820
381LX821M200K022 0.263
0.118
2.00
2.80
30 x 30
1000
381LX102M200J052 0.216
0.108
2.20
3.10
25 x 50
1000 381LX102M200K032 0.216
0.108
2.20
3.10
30 x 35
1000 381LX102M200K452 0.216
0.108
2.20
3.10
30 x 45
1000 381LX102M200A022 0.216
0.108
2.20
3.10
35 x 30
1200 381LX122M200K042 0.193
0.097
2.30
3.20
30 x 40
1200 381LX122M200K052 0.193
0.097
2.30
3.20
30 x 50
1200 381LX122M200A032 0.193
0.097
2.30
3.20
35 x 35
1500 381LX152M200K052 0.155
0.077
2.50
3.50
30 x 50
1500 381LX152M200A042 0.155
0.077
2.50
3.50
35 x 40
1800 381LX182M200A452 0.129
0.077
2.70
3.80
35 x 45
1800 383LX182M200N042 0.129
0.077
2.70
3.78
40 x 40
1800
383L182M200N052
0.063
0.033
3.00
4.10
40 x 50
2200 381LX222M200A052 0.105
0.063
2.90
4.00
35 x 50


Similar Part No. - 381LX103M063K052

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LX103M063K052 CDE-381LX103M063K052 Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
381LX103M063K052 CDE-381LX103M063K052 Datasheet
1Mb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
More results

Similar Description - 381LX103M063K052

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LX CDE-381LX Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
logo
Fairchild Semiconductor
FDH210N08 FAIRCHILD-FDH210N08 Datasheet
767Kb / 8P
   Motor Drives and Uninterruptible Power Supplies
logo
Vincotech
V23990-P760-A50-D2-14 VINCOTECH-V23990-P760-A50-D2-14 Datasheet
462Kb / 28P
   Motor Drives Power Generation
V23990-P580-A46-P1-14 VINCOTECH-V23990-P580-A46-P1-14 Datasheet
511Kb / 25P
   Motor Drives Power Generation
V23990-P760-A-D3-14 VINCOTECH-V23990-P760-A-D3-14 Datasheet
531Kb / 24P
   Motor Drives Power Generation
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
logo
D+H Mechatronic AG
DXD150-BSY DH-DXD150-BSY Datasheet
484Kb / 3P
   High-performance rack and pinion drives
DXD300-BSY DH-DXD300-BSY Datasheet
491Kb / 3P
   High-performance rack and pinion drives
DXD300-K-BSY DH-DXD300-K-BSY Datasheet
443Kb / 3P
   High-performance rack and pinion drives
logo
Vincotech
V23990-K429-A50-P3-14 VINCOTECH-V23990-K429-A50-P3-14 Datasheet
452Kb / 23P
   Industrial Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com