Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

383LX683M035N102 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 383LX683M035N102
Description  Top performance in power supplies and motor drives
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

383LX683M035N102 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 383LX683M035N102 Datasheet HTML 3Page - List of Unclassifed Manufacturers 383LX683M035N102 Datasheet HTML 4Page - List of Unclassifed Manufacturers 383LX683M035N102 Datasheet HTML 5Page - List of Unclassifed Manufacturers 383LX683M035N102 Datasheet HTML 6Page - List of Unclassifed Manufacturers 383LX683M035N102 Datasheet HTML 7Page - List of Unclassifed Manufacturers 383LX683M035N102 Datasheet HTML 8Page - List of Unclassifed Manufacturers 383LX683M035N102 Datasheet HTML 9Page - List of Unclassifed Manufacturers 383LX683M035N102 Datasheet HTML 10Page - List of Unclassifed Manufacturers 383LX683M035N102 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 381LX / 383LX 105 °C High Ripple, Snap-In Aluminum
High Ripple, Long Life, 2,4 and 5 pin styles available
Cap.
(µF)
Catalog
Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +105°C
Size
120 Hz 20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
350 Vdc (400 Vdc Surge)
82
381LX820M350H012
2.430
1.240
0.60
0.90
22 x 25
100
381LX101M350H022
1.990
1.020
0.70
1.00
22 x 30
120
381LX121M350H022
1.660
0.750
0.75
1.05
22 x 30
150
381LX151M350H022
1.330
0.600
0.77
1.08
22 x 30
180
381LX181M350H032
1.110
0.500
0.87
1.22
22 x 35
220
381LX221M350H042
0.900
0.410
1.00
1.40
22 x 40
270
381LX271M350H452
0.740
0.380
1.10
1.50
22 x 45
270
381LX271M350K022
0.737
0.376
1.10
1.50
30 x 30
330
381LX331M350K042
0.603
0.308
1.20
1.70
30 x 40
330
381LX331M350A022
0.603
0.308
1.20
1.70
35 x 30
390
381LX391M350K452
0.510
0.260
1.30
1.80
30 x 45
390
381LX391M350A022
0.510
0.260
1.30
1.80
35 x 30
470
381LX471M350K052
0.423
0.216
1.40
2.00
30 x 50
470
381LX471M350A042
0.423
0.216
1.40
2.00
35 x 40
560
381LX561M350A452
0.355
0.181
1.50
2.10
35 x 45
560
383L561M350N042
0.299
0.205
1.30
1.50
40 x 40
680
381LX681M350A052
0.293
0.149
1.70
2.40
35 x 50
680
383LX681M350N042
0.317
0.127
2.30
3.22
40 x 40
820
381LX821M350A062
0.303
0.155
2.70
3.70
35 x 63
820
383LX821M350N052
0.303
0.155
2.70
3.70
40 x 50
1000
383L102M350N062
0.170
0.117
2.00
2.40
40 x 63
1000
383LX102M350B052V
0.216
0.066
3.56
4.96
50 x 50
1200
381LX122M350A082
0.207
0.106
3.20
4.50
35 x 80
1200
383LX122M350N062
0.207
0.106
3.20
4.50
40 x 63
1500
381LX152M350A102
0.144
0.057
4.78
6.69
35 x 105
1500
383LX152M350N082
0.166
0.085
3.80
5.25
40 x 80
1500
383LX152M350B062V
0.144
0.057
4.16
5.82
50 x 63
1800
383LX182M350N102
0.120
0.048
5.23
7.32
40 x 105
1800
383LX182M350B082V
0.120
0.048
5.69
7.97
50 x 80
2000
383LX202M350B092V
0.108
0.043
6.34
8.88
50 x 92
2200
383LX222M350B102V
0.098
0.039
6.60
9.30
50 x 105
400 Vdc (450 Vdc Surge)
33
381LX330M400H202
5.020
1.760
0.20
0.30
22 x 20
47
381LX470M400H012
4.500
1.600
0.30
0.42
22 x 25
56
381LX560M400H012
3.530
1.240
0.47
0.66
22 x 25
68
381LX680M400H012
2.927
1.020
0.45
0.60
22 x 25
68
381LX680M400J012
1.950
0.683
0.60
0.80
25 x 25
82
381LX820M400H012
2.440
0.850
0.55
0.80
22 x 25
100
381LX101M400H022
1.658
0.580
0.50
0.70
22 x 30
100
381LX101M400J012
1.658
0.580
0.70
1.00
25 x 25
120
381LX121M400J012
1.100
0.387
0.80
1.10
25 x 25
120
381LX121M400J022
1.100
0.387
0.80
1.10
25 x 30
Cap.
(µF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +105°C
Size
120 Hz 20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
400 Vdc (450 Vdc Surge)
150
381LX151M400H022
0.921
0.322
0.90
1.30
22 x 30
150
381LX151M400H032
1.330
0.460
0.80
1.10
22 x 35
150
381LX151M400J012
1.110
0.870
0.80
1.10
25 x 25
180
381LX181M400J022
0.921
0.322
0.90
1.30
25 x 30
180
381LX181M400J032
1.110
0.500
0.95
1.33
25 x 35
180
381LX181M400K022
0.921
0.322
0.90
1.30
30 x 30
220
381LX221M400H452
0.614
0.215
1.20
1.70
22 x 45
220
381LX221M400K022
0.754
0.264
1.10
1.50
30 x 30
220
381LX221M400A012
0.754
0.264
1.10
1.50
35 x 25
270
381LX271M400J052
0.614
0.215
1.20
1.70
25 x 50
270
381LX271M400K032
0.614
0.215
1.20
1.70
30 x 35
270
381LX271M400A022
0.614
0.215
1.20
1.70
35 x 30
330
381LX331M400K452
0.502
0.201
1.40
1.90
30 x 45
330
381LX331M400A032
0.502
0.201
1.40
1.90
35 x 35
390
381LX391M400J452
0.425
0.170
1.55
2.20
25 x 45
390
381LX391M400K052
0.425
0.170
1.55
2.20
30 x 50
390
381LX391M400A042
0.425
0.170
1.55
2.20
35 x 40
470
381LX471M400A452
0.353
0.141
1.80
2.50
35 x 45
470
383LX471M400N042
0.353
0.141
1.80
2.50
40 x 40
560
381LX561M400A052
0.296
0.118
1.80
2.50
35 x 50
680
383LX681M400N052
0.244
0.098
2.20
3.00
40 x 50
820
381LX821M400A062
0.202
0.081
2.44
3.42
35 x 63
820
383LX821M400B052V 0.202
0.081
3.20
4.40
50 x 50
1000
381LX102M400A082
0.202
0.081
3.00
4.20
35 x 80
1000
383LX102M400N062
0.202
0.081
3.00
4.20
40 x 63
1200
381LX122M400A102
0.138
0.055
3.80
5.30
35 x 105
1200
383LX122M400N082
0.138
0.055
3.80
5.30
40 x 80
1200
383LX122M400B062V 0.152
0.061
4.20
5.90
50 x 63
1500
383LX152M400N102
0.111
0.044
4.80
6.70
40 x 105
1500
383LX152M400B082V 0.122
0.049
5.20
7.30
50 x 80
1600
383LX162M400B092V 0.114
0.046
5.60
8.00
50 x 92
1800
383LX182M400B102V 0.101
0.041
6.48
9.10
50 x 105
420 Vdc (470 Vdc Surge)
100
381LX101M420H022
1.820
0.820
0.65
0.90
22 x 30
120
381LX121M420H022
1.660
0.750
0.70
1.00
22 x 30
150
381LX151M420H042
1.330
0.600
0.79
1.11
22 x 40
180
381LX181M420H042
1.110
0.500
0.87
1.22
22 x 40
180
381LX181M420K022
1.000
0.450
0.88
1.20
30 x 30
220
381LX221M420H452
0.900
0.410
1.05
1.50
22 x 45
220
381LX221M420K022
0.750
0.260
1.10
1.50
30 x 30
270
381LX271M420J452
0.740
0.330
1.19
1.67
25 x 45
270
381LX271M420K032
0.610
0.210
1.20
1.70
30 x 35


Similar Part No. - 383LX683M035N102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
383LX683M035N102 ETC2-383LX683M035N102 Datasheet
409Kb / 10P
   105 ?C High-Ripple Snap-In
logo
Cornell Dubilier Electr...
383LX683M035N102 CDE-383LX683M035N102 Datasheet
409Kb / 10P
   High-Ripple Snap-In
383LX683M035N102 CDE-383LX683M035N102 Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
383LX683M035N102 CDE-383LX683M035N102 Datasheet
1Mb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
More results

Similar Description - 383LX683M035N102

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LX CDE-381LX Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
logo
Fairchild Semiconductor
FDH210N08 FAIRCHILD-FDH210N08 Datasheet
767Kb / 8P
   Motor Drives and Uninterruptible Power Supplies
logo
Vincotech
V23990-P760-A50-D2-14 VINCOTECH-V23990-P760-A50-D2-14 Datasheet
462Kb / 28P
   Motor Drives Power Generation
V23990-P580-A46-P1-14 VINCOTECH-V23990-P580-A46-P1-14 Datasheet
511Kb / 25P
   Motor Drives Power Generation
V23990-P760-A-D3-14 VINCOTECH-V23990-P760-A-D3-14 Datasheet
531Kb / 24P
   Motor Drives Power Generation
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
logo
D+H Mechatronic AG
DXD150-BSY DH-DXD150-BSY Datasheet
484Kb / 3P
   High-performance rack and pinion drives
DXD300-BSY DH-DXD300-BSY Datasheet
491Kb / 3P
   High-performance rack and pinion drives
DXD300-K-BSY DH-DXD300-K-BSY Datasheet
443Kb / 3P
   High-performance rack and pinion drives
logo
Vincotech
V23990-K429-A50-P3-14 VINCOTECH-V23990-K429-A50-P3-14 Datasheet
452Kb / 23P
   Industrial Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com