Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

383LX563M035B062V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 383LX563M035B062V
Description  Top performance in power supplies and motor drives
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

383LX563M035B062V Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  383LX563M035B062V Datasheet HTML 1Page - List of Unclassifed Manufacturers 383LX563M035B062V Datasheet HTML 2Page - List of Unclassifed Manufacturers 383LX563M035B062V Datasheet HTML 3Page - List of Unclassifed Manufacturers 383LX563M035B062V Datasheet HTML 4Page - List of Unclassifed Manufacturers 383LX563M035B062V Datasheet HTML 5Page - List of Unclassifed Manufacturers 383LX563M035B062V Datasheet HTML 6Page - List of Unclassifed Manufacturers 383LX563M035B062V Datasheet HTML 7Page - List of Unclassifed Manufacturers 383LX563M035B062V Datasheet HTML 8Page - List of Unclassifed Manufacturers 383LX563M035B062V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Adding longer-life and more ripple capability to the excellent
value of Type 380L/LX capacitors, the 381L/LX readily handles
tough switching power supply input and output circuits and
motor-drive bus capacitor applications where the high surface
area of multiple units in parallel equals the ripple capability of our
Type 520C inverter-grade capacitor. Type 381LX delivers more
capacitance per can size while Type 381L gives lower ESR for the
same capacitance rating. Type 383L/LX has 4 or 5 leads for stable,
reverse-proof mounting.
Highlights
- Top performance in power supplies and motor drives
- 4 times the life of Type 380L/LX
- 2, 4 and 5 leads available
- Big selection of 42 case sizes
Specifications
Temperature Range
–40 °C to + 105 °C ≤ 315 Vdc
–25 °C to + 105 °C ≥ 350 Vdc
Rated Voltage Range
10 Vdc to 450 Vdc
Capacitance Range
33 µF to 150,000 µF
Capacitance Tolerance
± 20%
Leakage Current
≤3 √CV µA, 4 mA max, 5 minutes
Ripple Current Multipliers
Ambient Temperature
Low Temperature Characteristics
Impedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 10 (10 Vdc)
≤ 8 (16–50 Vdc)
≤ 4 (63–100 Vdc)
≤ 3 (150–450 Vdc)
Endurance Life Test
3000 h at full load at 105 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
1000 h at 105 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Vibration
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
RoHS Compliant
Frequency
45 °C
60 °C
70 °C
85 °C 105°C
381L
383L
2.70
2.60
2.50
2.10
1.00
381LX,
383 LX
2.35
2.20
2.00
1.70
1.00
50 Hz
60 Hz
120 Hz 500 Hz 1 kHz
5 kHz
& up
10-100 Vdc
0.93
0.95
1.00
1.05
1.08
1.15
160-450 Vdc
0.75
0.80
1.00
1.20
1.25
1.40
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 381LX / 383LX 105 °C High Ripple, Snap-In Aluminum
High Ripple, Long Life, 2, 4 and 5 pin styles available


Similar Part No. - 383LX563M035B062V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
383LX563M035B062V ETC2-383LX563M035B062V Datasheet
409Kb / 10P
   105 ?C High-Ripple Snap-In
logo
Cornell Dubilier Electr...
383LX563M035B062V CDE-383LX563M035B062V Datasheet
409Kb / 10P
   High-Ripple Snap-In
383LX563M035B062V CDE-383LX563M035B062V Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
383LX563M035B062V CDE-383LX563M035B062V Datasheet
1Mb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
More results

Similar Description - 383LX563M035B062V

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LX CDE-381LX Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
logo
Fairchild Semiconductor
FDH210N08 FAIRCHILD-FDH210N08 Datasheet
767Kb / 8P
   Motor Drives and Uninterruptible Power Supplies
logo
Vincotech
V23990-P760-A50-D2-14 VINCOTECH-V23990-P760-A50-D2-14 Datasheet
462Kb / 28P
   Motor Drives Power Generation
V23990-P580-A46-P1-14 VINCOTECH-V23990-P580-A46-P1-14 Datasheet
511Kb / 25P
   Motor Drives Power Generation
V23990-P760-A-D3-14 VINCOTECH-V23990-P760-A-D3-14 Datasheet
531Kb / 24P
   Motor Drives Power Generation
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
logo
D+H Mechatronic AG
DXD150-BSY DH-DXD150-BSY Datasheet
484Kb / 3P
   High-performance rack and pinion drives
DXD300-BSY DH-DXD300-BSY Datasheet
491Kb / 3P
   High-performance rack and pinion drives
DXD300-K-BSY DH-DXD300-K-BSY Datasheet
443Kb / 3P
   High-performance rack and pinion drives
logo
Vincotech
V23990-K429-A50-P3-14 VINCOTECH-V23990-K429-A50-P3-14 Datasheet
452Kb / 23P
   Industrial Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com