Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQW18AN56NJ80D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQW18AN56NJ80D
Description  Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW18AN56NJ80D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQW18AN56NJ80D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW18AN56NJ80D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQW18AN56NJ80#
# indicates a package specification code.
< List of part numbers with package codes >
LQW18AN56NJ80D , LQW18AN56NJ80J , LQW18AN56NJ80B
Shape
L size
1.65 ±0.1mm
W size
0.99 ±0.1mm
T size
0.90 ±0.1mm
Size code in inch (mm)
0603 (1608)
Specifications
Inductance
56nH ±5%
Inductance test frequency
100MHz
Rated current (Itemp) (Based on Temperature rise)
770mA
Max. of DC resistance
0.26Ω
Q (min.)
38
Q test frequency
200MHz
Self resonance frequency (min.)
2600MHz
Operating temperature range (Self-temperature rise is not included)
-55∼125℃
Notes
In operating temperature exceeding +85℃, derating of current is necessary for
LQW18AN_80 series.
Please apply the derating curve shown in chart according to the operating
temperature.
Please confirm the below "Notice (Rating)".
References
Packaging
code
Specifications
Minimum quantity
φ180mm Paper taping
4000
φ330mm Paper taping
10000
Packing in bulk
500
Mass (Typ.)
1 piece
0.0034g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/01/11


Similar Part No. - LQW18AN56NJ80D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW18AN56NJ8Z MURATA-LQW18AN56NJ8Z Datasheet
85Kb / 2P
   Inductance
LQW18AN56NJ8ZB MURATA-LQW18AN56NJ8ZB Datasheet
85Kb / 2P
   Inductance
LQW18AN56NJ8ZD MURATA-LQW18AN56NJ8ZD Datasheet
85Kb / 2P
   Inductance
LQW18AN56NJ8ZJ MURATA-LQW18AN56NJ8ZJ Datasheet
85Kb / 2P
   Inductance
More results

Similar Description - LQW18AN56NJ80D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
PCA ELECTRONICS INC.
EPA3630 PCA-EPA3630 Datasheet
36Kb / 1P
   Inductor
logo
XFMRS Inc.
XF151510-2R4M XFMRS-XF151510-2R4M Datasheet
55Kb / 1P
   INDUCTOR
XF0206-HMCMC XFMRS-XF0206-HMCMC Datasheet
59Kb / 1P
   INDUCTOR
logo
SCHOTT CORPORATION
25554 SCHOTT-25554 Datasheet
34Kb / 1P
   INDUCTOR
logo
XFMRS Inc.
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
   INDUCTOR
1XF10000T1M XFMRS-1XF10000T1M Datasheet
57Kb / 1P
   Inductor
XFWI575047-470M XFMRS-XFWI575047-470M Datasheet
35Kb / 1P
   INDUCTOR
XFWIC575047SH-100M XFMRS-XFWIC575047SH-100M Datasheet
42Kb / 1P
   INDUCTOR
XFWIC575047SH-102M XFMRS-XFWIC575047SH-102M Datasheet
47Kb / 1P
   INDUCTOR
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
   INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com