Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

381LX562M035H032 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 381LX562M035H032
Description  Top performance in power supplies and motor drives
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

381LX562M035H032 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 381LX562M035H032 Datasheet HTML 2Page - List of Unclassifed Manufacturers 381LX562M035H032 Datasheet HTML 3Page - List of Unclassifed Manufacturers 381LX562M035H032 Datasheet HTML 4Page - List of Unclassifed Manufacturers 381LX562M035H032 Datasheet HTML 5Page - List of Unclassifed Manufacturers 381LX562M035H032 Datasheet HTML 6Page - List of Unclassifed Manufacturers 381LX562M035H032 Datasheet HTML 7Page - List of Unclassifed Manufacturers 381LX562M035H032 Datasheet HTML 8Page - List of Unclassifed Manufacturers 381LX562M035H032 Datasheet HTML 9Page - List of Unclassifed Manufacturers 381LX562M035H032 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 381LX / 383LX 105 °C High Ripple, Snap-In Aluminum
High Ripple, Long Life, 2,4 and 5 pin styles available
Cap.
(µF)
Catalog
Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +105°C
Size
120 Hz 20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
63 Vdc (79 Vdc Surge)
680
381LX681M063H012 0.410
0.310
0.90
1.00
22 x 25
1000
381LX102M063H012 0.280
0.210
1.18
1.35
22 x 25
1200
381LX122M063H012 0.235
0.180
1.40
1.60
22 x 25
1500
381LX152M063H012 0.235
0.180
1.50
1.70
22 x 25
1800
381LX182M063H022 0.157
0.117
1.70
1.96
22 x 30
1800
381LX182M063J012
0.123
0.092
2.20
2.53
25 x 25
2200
381LX222M063H022 0.143
0.110
1.50
1.70
22 x 30
2700
381LX272M063H042 0.123
0.092
2.20
2.53
22 x 40
2700
381LX272M063K012
0.105
0.080
2.20
2.50
30 x 25
3300
381LX332M063J022
0.090
0.070
2.50
2.90
25 x 30
3300
381LX332M063A012 0.090
0.070
2.50
2.90
35 x 25
3900
381LX392M063J022
0.085
0.064
2.70
3.11
25 x 30
3900
381LX392M063J452
0.080
0.060
2.70
3.10
25 x 45
4700
381LX472M063K042
0.063
0.048
3.00
3.50
30 x 40
5600
381LX562M063K042
0.059
0.044
3.30
3.80
30 x 40
5600
381LX562M063K452
0.055
0.040
3.30
3.80
30 x 45
5600
381LX562M063A032 0.055
0.040
3.30
3.80
35 x 35
6800
381LX682M063J052
0.050
0.040
3.60
4.10
25 x 50
6800
381LX682M063K042
0.049
0.037
3.60
4.14
30 x 40
6800
381LX682M063K052
0.050
0.040
3.60
4.10
30 x 50
8200
381LX822M063J052
0.040
0.030
3.90
4.50
25 x 50
8200
381LX822M063A452 0.040
0.030
3.90
4.50
35 x 45
8200
383L822M063N042
0.031
0.018
3.70
4.80
40 x 40
10000
381LX103M063K452
0.033
0.028
4.40
5.10
30 x 45
10000
381LX103M063K052
0.033
0.028
4.40
5.10
30 x 50
12000
381LX123M063K052
0.030
0.025
4.40
5.06
30 x 50
12000
383LX123M063N042 0.030
0.028
4.52
5.20
40 x 40
12000
383L123M063N052
0.022
0.013
4.70
6.10
40 x 50
15000
381LX153M063A052 0.024
0.023
4.90
5.70
35 x 50
15000
383LX153M063N052 0.027
0.023
4.80
5.50
40 x 50
15000
383L153M063N062
0.018
0.011
5.70
7.20
40 x 63
18000
381LX183M063A082 0.022
0.019
5.80
6.70
35 x 80
18000
383LX183M063N062 0.023
0.020
5.40
6.20
40 x 63
22000
383L223M063N082
0.013
0.009
7.20
9.00
40 x 80
22000 383LX223M063B052V 0.019
0.016
6.76
7.77
50 x 50
27000
383LX273M063N082 0.017
0.014
6.60
7.60
40 x 80
27000 383LX273M063B062V 0.017
0.014
7.34
8.44
50 x 63
33000 383LX333M063B082V 0.015
0.013
8.00
9.20
50 x 80
39000
383LX393M063N102 0.014
0.012
7.53
8.66
40 x 105
39000 383LX393M063B092V 0.014
0.012
8.48
9.75
50 x 92
47000 383LX473M063B102V 0.012
0.010
8.99
10.34
50 x 105
Cap.
(µF)
Catalog
Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +105°C
Size
120 Hz 20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
80 Vdc (100 Vdc Surge)
470
381LX471M080H012
0.390
0.270
0.80
0.90
22 x 25
680
381LX681M080H012
0.270
0.190
1.00
1.15
22 x 25
820
381LX821M080H012
0.222
0.145
1.20
1.40
22 x 25
1000
381LX102M080H012
0.222
0.145
1.20
1.40
22 x 25
1000
381LX102M080J012
0.182
0.120
1.30
1.50
25 x 25
1200
381LX122M080H022
0.235
0.176
1.50
1.73
22 x 30
1500
381LX152M080H032
0.188
0.141
1.70
1.96
22 x 35
1800
381LX182M080J032
0.147
0.080
1.80
2.10
25 x 35
1800
381LX182M080K012
0.111
0.080
1.80
2.10
30 x 25
2200
381LX222M080H452
0.121
0.092
2.10
2.40
22 x 45
2200
381LX222M080A012
0.090
0.063
2.10
2.40
35 x 25
2700
381LX272M080J042
0.104
0.078
2.40
2.76
25 x 40
3300
381LX332M080J052
0.065
0.049
2.60
3.00
25 x 50
3300
381LX332M080K042
0.100
0.075
2.60
3.00
30 x 40
3300
381LX332M080A022
0.065
0.049
2.60
3.00
35 x 30
3900
381LX392M080K042
0.072
0.054
3.00
3.45
30 x 40
4700
381LX472M080K042
0.060
0.045
3.30
3.80
30 x 40
4700
381LX472M080K052
0.048
0.036
3.30
3.80
30 x 50
4700
381LX472M080A042
0.048
0.036
3.30
3.80
35 x 40
5600
381LX562M080A052
0.072
0.054
3.00
3.45
35 x 50
5600
383L562M080N042
0.035
0.022
3.50
4.40
40 x 40
6800
381LX682M080A052
0.041
0.031
3.90
4.50
35 x 50
6800
383LX682M080N042
0.041
0.031
3.90
4.49
40 x 40
8200
383L822M080N052
0.025
0.016
4.40
5.60
40 x 50
10000
383L103M080N062
0.021
0.013
5.30
6.70
40 x 63
12000
383LX123M080B052V
0.035
0.026
6.03
6.93
50 x 50
15000
383L153M080N082
0.015
0.010
6.80
8.40
40 x 80
15000
383LX153M080B062V
0.028
0.021
6.65
7.65
50 x 63
18000
383LX183M080B082V
0.026
0.019
7.29
8.38
50 x 80
22000
383LX223M080N102
0.019
0.014
6.95
7.99
40 x 105
22000
383LX223M080B092V
0.022
0.016
7.83
9.00
50 x 92
27000
383LX273M080B102V
0.018
0.014
8.38
9.64
50 x 105
100 Vdc (125 Vdc Surge)
330
381LX331M100H012
0.653
0.392
0.80
1.20
22 x 25
470
381LX471M100H012
0.390
0.230
0.92
1.40
22 x 25
560
381LX561M100H012
0.300
0.180
1.10
1.30
22 x 25
680
381LX681M100H012
0.300
0.180
1.10
1.30
22 x 25
820
381LX821M100H012
0.303
0.197
1.40
1.60
22 x 25
820
381LX821M100J012
0.202
0.120
1.40
2.10
25 x 25
1000
381LX102M100H022
0.182
0.110
1.70
2.55
22 x 30
1200
381LX122M100H022
0.195
0.125
1.85
2.70
22 x 30
1200
381LX122M100H032
0.195
0.125
1.85
2.70
22 x 35


Similar Part No. - 381LX562M035H032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LX562M035H032 ETC2-381LX562M035H032 Datasheet
409Kb / 10P
   105 ?C High-Ripple Snap-In
logo
Cornell Dubilier Electr...
381LX562M035H032 CDE-381LX562M035H032 Datasheet
409Kb / 10P
   High-Ripple Snap-In
381LX562M035H032 CDE-381LX562M035H032 Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
381LX562M035H032 CDE-381LX562M035H032 Datasheet
1Mb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
More results

Similar Description - 381LX562M035H032

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LX CDE-381LX Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
logo
Fairchild Semiconductor
FDH210N08 FAIRCHILD-FDH210N08 Datasheet
767Kb / 8P
   Motor Drives and Uninterruptible Power Supplies
logo
Vincotech
V23990-P760-A50-D2-14 VINCOTECH-V23990-P760-A50-D2-14 Datasheet
462Kb / 28P
   Motor Drives Power Generation
V23990-P580-A46-P1-14 VINCOTECH-V23990-P580-A46-P1-14 Datasheet
511Kb / 25P
   Motor Drives Power Generation
V23990-P760-A-D3-14 VINCOTECH-V23990-P760-A-D3-14 Datasheet
531Kb / 24P
   Motor Drives Power Generation
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
logo
D+H Mechatronic AG
DXD150-BSY DH-DXD150-BSY Datasheet
484Kb / 3P
   High-performance rack and pinion drives
DXD300-BSY DH-DXD300-BSY Datasheet
491Kb / 3P
   High-performance rack and pinion drives
DXD300-K-BSY DH-DXD300-K-BSY Datasheet
443Kb / 3P
   High-performance rack and pinion drives
logo
Vincotech
V23990-K429-A50-P3-14 VINCOTECH-V23990-K429-A50-P3-14 Datasheet
452Kb / 23P
   Industrial Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com