Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27320YZFT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27320YZFT
Description  Single-Cell CEDV Fuel Gauge
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27320YZFT Datasheet(HTML) 3 Page - Texas Instruments

  BQ27320YZFT Datasheet HTML 1Page - Texas Instruments BQ27320YZFT Datasheet HTML 2Page - Texas Instruments BQ27320YZFT Datasheet HTML 3Page - Texas Instruments BQ27320YZFT Datasheet HTML 4Page - Texas Instruments BQ27320YZFT Datasheet HTML 5Page - Texas Instruments BQ27320YZFT Datasheet HTML 6Page - Texas Instruments BQ27320YZFT Datasheet HTML 7Page - Texas Instruments BQ27320YZFT Datasheet HTML 8Page - Texas Instruments BQ27320YZFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
2
3
E
D
C
B
A
3
bq27320
www.ti.com
SLUSCG9A – FEBRUARY 2016 – REVISED MARCH 2016
Product Folder Links: bq27320
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Device Comparison Table
ORDER NUMBER
PACKAGE
PACKAGE QUANTITY
BODY SIZE
bq27320YZFT
YZF
250
1.375 mm x 2.75 mm x 1.75 mm
bq27320YZFR
3000
(1)
I/O = Digital input/output, IA = Analog input, P = Power connection
6 Pin Configuration and Functions
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NUMBER
SRP
A1
IA(1)
Analog input pin connected to the internal coulomb counter with a Kelvin connection where SRP is nearest the
PACK– connection. Connect to 5-m
Ω to 20-mΩ sense resistor.
SRN
B1
IA
Analog input pin connected to the internal coulomb counter with a Kelvin connection where SRN is nearest the Vss
connection. Connect to 5-m
Ω to 20-mΩ sense resistor.
VSS
C1, C2
P
Device ground
VCC
D1
P
Regulator output and bq27320 processor power. Decouple with 1-
μF ceramic capacitor to Vss.
REGIN
E1
P
Regulator input. Decouple with 0.1-
μF ceramic capacitor to VSS.
SOC_INT
A2
O
SOC state interrupts output. Generates a pulse under the conditions specified by (1). Open drain output
BAT_GD
B2
O
Battery Good push-pull indicator output. Active-low and output disabled by default. Polarity is configured via Op
Config [BATG_POL] and the output is enabled via OpConfig C [BATGSPUEN].
CE
D2
I
Chip Enable. Internal LDO is disconnected from REGIN when driven low. Note: CE has an internal ESD protection
diode connected to REGIN. Recommend maintaining VCE ≤ VREGIN under all conditions.
BAT
E2
I
Cell-voltage measurement input. ADC input. Recommend 4.8V maximum for conversion accuracy.
SCL
A3
I
Slave I2C serial communications clock input line for communication with system (Master). Open-drain I/O. Use with
10-k
Ω pull-up resistor (typical).
SDA
B3
I/O
Slave I2C serial communications data line for communication with system (Master). Open-drain I/O. Use with 10-k
Ω
pull-up resistor (typical).
SDQ
C3
O
Communication interface to Authentication ID IC, using the SDQ protocol
TS
D3
IA
Pack thermistor voltage sense (use 103AT-type thermistor). ADC input
BI/TOUT
E3
I/O
Battery-insertion detection input. Power pin for pack thermistor network. Thermistor-multiplexer control pin. Use with
pull-up resistor >1M
Ω (1.8 MΩ typical).


Similar Part No. - BQ27320YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27350 TI-BQ27350 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PW TI-BQ27350PW Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWG4 TI-BQ27350PWG4 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWR TI-BQ27350PWR Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWRG4 TI-BQ27350PWRG4 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
More results

Similar Description - BQ27320YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ34210-Q1 TI1-BQ34210-Q1 Datasheet
363Kb / 19P
[Old version datasheet]   Automotive 1-Series Cell System-Side CEDV Fuel Gauge for Rarely Discharged Batteries
BQ27000EVM TI-BQ27000EVM Datasheet
496Kb / 19P
[Old version datasheet]   bq27000 Single Cell Battery Fuel Gauge Evaluation Module
logo
Maxim Integrated Produc...
MAX17040 MAXIM-MAX17040_V01 Datasheet
984Kb / 13P
   1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
logo
Texas Instruments
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Maxim Integrated Produc...
MAX17047 MAXIM-MAX17047_V01 Datasheet
1Mb / 47P
   1-Cell Fuel Gauge with ModelGauge m3
2016
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
   1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
logo
Texas Instruments
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com