Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

77-12032D12 Datasheet(PDF) 1 Page - NTE Electronics

Part # 77-12032D12
Description  Fan, AC & DC Types, 120 x 120mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

77-12032D12 Datasheet(HTML) 1 Page - NTE Electronics

  77-12032D12 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6
NTE Electronics, Inc.
Voice (973) 748
−5089 FAX (973) 748−6224 http://www.nteinc.com
Fan, AC & DC Types, 120 x 120mm
Features
High Speed
Ball Bearings
Terminal Types
− “T” Suffix
24 AWG Red (+) and Black (
−) Leads − DC Types
22 AWG Black Leads
− AC Types
11.8” (300mm) Lead Length
DC OPERATED
NTE
Type No.
Rated
Voltage
Max.
Input
Current
Max.
Input
Power
(W)
Speed
10%
(RPM)
Max Air
Flow
(CFM)
Max
Acoustical
Noise
Diag
No.
77
−12025D12
12
0.46A
5.5
2400
87.79
44dB(A)
F5a
77
−12025D24
24
0.40A
9.6
2400
87.79
44dB(A)
F5a
77
−12032D12
12
0.69A
8.2
3750
121.53
55dB(A)
F5a
77
−12032D24
24
0.32A
7.73
3750
108.94
55dB(A)
F5a
77
−12038D12
12
1.50A
17.94
3800
138.49
54dB(A)
F5a
77
−12038D24
24
0.69A
16.56
3800
138.49
54dB(A)
F5a
AC OPERATED
NTE
Type No.
Rated
Voltage
Max.
Input
Current
Max.
Input
Power
(W)
Speed
10%
(RPM)
Max Air
Flow
(CFM)
Max
Acoustical
Noise
Diag
No.
77
−12025A120
115
0.17A
14
2450
68
39dB(A)
F5a
77
−12025A120−T
115
0.17A
14
2450
68
39dB(A)
F5b
77
−12038A120
115
0.30A
29
3000
111
44dB(A)
F5a
77
−12038A120−T
115
0.30A
29
3000
111
44dB(A)
F5b
ACCESSORIES
FAN TYPE
DESCRIPTION
NTE TYPE NO.
120 X 120mm
Fan Guard, Metal
77
−MG1212
120 X 120mm
Fan Filter, 3
−Piece w/Cover
77
−FF120
120 X 120mm,
Terminal Type
Fan Cord, 12”, 45 Blunt Cut
77
−FC12
Fan Cord, 24”, 45 Blunt Cut
77
−FC24
Fan Cord, 36”, 45 Blunt Cut
77
−FC36
Fan Cord, 48”, 45 Blunt Cut
77
−FC48
Fan Cord, 72”, 45 Blunt Cut
77
−FC72
Thickness “T”
DC
AC
32mm
1.256 (32.0)
N/A
38mm
1.496 (38.0)
1.496 (38.0)
F5
4.724 (120.0)
4.134 (105.0)
Black (
−)
Red (+)
11.811 (300.0)
4.134
(105.0)
4.724
(120.0)
s
e
p
y
T
l
a
n
i
m
r
e
T
:
b
s
e
p
y
T
d
a
e
L
:
a
.157 (4.0)
“T”
.315 (8.0)
.020 (0.5) x .110 (2.8)
(2 Terminals)
.295
(7.5)
.157 (4.0)
“T”
25mm
1.000 (25.4)
1.043 (26.5)
Specifications
Electrical Characteristics
Insulation Resistance: 10M
Min. (at 500VDC) between frame and
positive terminal
Dielectric Strength:
DC Types: 500VAC, 1 minute; 600VAC, 1 sec at 5mA Max.
between frame and positive terminal
AC Types: 1500VAC, 1 minute; 1800VAC, 1 sec at 5mA Max.
between frame and positive terminal
Life Expectancy:
DC Types: Approx. 70000 hrs at rated voltage, +40 C,
15% to 65% RH
AC Types: Approx. 50000 hrs at rated voltage, +25 C,
15% to 65% RH
Mechanical Characteristics
Frame:
DC Types: Thermoplastic, Black, UL94V
−0
AC Types: Die
−Cast Aluminum, Black
Impeller: Thermoplastic, Black, UL94V
−0
Bearing:
DC Types: 2 Ball Bearings
AC Types: Ball Bearing
Weight:
DC Types: Approx. 164g (25mm); 250g (32mm); 290g (38mm)
AC Types: Approx. 370g (25mm); 500g (38mm)
Environmental Characteristics
Operating Temperature:
−10 C to +70 C
Storage Temperature:
−40 C to +75 C
Operating Humidity: 35% to 85% RH
Storage Humidity: 35% to 85% RH
Protection
Polarity (DC Types ONLY): Damage will not occur for up to 10 minutes
with positive and negative leads connected in reverse.
Locked Rotor: Within 72 hours of a rotor locking condition, at the rated
voltage and operating temperature, the impedance of the motor winding
will protect the motor from damage.


Similar Part No. - 77-12032D12

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
77-12032D12 NTE-77-12032D12 Datasheet
5Mb / 1P
   Fan, AC & DC Types, 120 x 120mm
More results

Similar Description - 77-12032D12

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
77-12025D12 NTE-77-12025D12_17 Datasheet
5Mb / 1P
   Fan, AC & DC Types, 120 x 120mm
77-8015D12 NTE-77-8015D12 Datasheet
379Kb / 1P
   Fan, AC & DC Types, 80 x 80mm
77-8015D12 NTE-77-8015D12_18 Datasheet
547Kb / 1P
   Fan, AC & DC Types, 80 x 80mm
77-9225A120 NTE-77-9225A120 Datasheet
289Kb / 1P
   Fan, AC Types, 92 x 92mm
77-6015D12 NTE-77-6015D12 Datasheet
363Kb / 1P
   Fan, DC Types, 60 x 60mm
77-4010D12 NTE-77-4010D12 Datasheet
266Kb / 1P
   Fan, DC Types, 40 x 40mm
logo
ADL Embedded Solutions
ADL120S ADL-ADL120S Datasheet
613Kb / 2P
   120mm x 120mm Stackable SBC 120mm x 120mm Stackable SBC
logo
List of Unclassifed Man...
AC4715MS ETC1-AC4715MS Datasheet
59Kb / 1P
   120mm FAN SERIES
logo
ORION FANS
OD1238-XC ORIONFANS-OD1238-XC Datasheet
625Kb / 3P
   DC Fans - 12, 24, 48V 120mm x 120mm x 38.5mm (4.7” x 1.5”)
4/6/2023
logo
Qualtek Electronics Cor...
06450-B QUALTEK-06450-B Datasheet
207Kb / 1P
   FAN FILTER SCREEN (120mm)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com