Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37733MHB274FP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M37733MHB274FP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37733MHB274FP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M37733MHB274FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37733MHB274FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37733MHB274FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37733MHB274FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37733MHB274FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37733MHB274FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37733MHB274FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37733MHB274FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37733MHB274FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
7
MITSUBISHI MICROCOMPUTERS
M37733MHBXXXFP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
CENTRAL PROCESSING UNIT (CPU)
The CPU has ten registers and is shown in Figure 3. Each of these
registers is described below.
ACCUMULATOR A (A)
Accumulator A is the main register of the microcomputer. It consists
of 16 bits and the low-order 8 bits can be used separately. The data
length flag (m) determines whether the register is used as a 16-bit
register or as an 8-bit register. It is used as a 16-bit register when flag
m is “0” and as an 8-bit register when flag m is “1”. Flag m is a part of
the processor status register (PS) which is described later.
Data operations such as arithmetic operation, data transfer, input/
output, etc., are executed mainly through the accumulator A.
ACCUMULATOR B (B)
Accumulator B has the same functions as accumulator A, but the
use of accumulator B requires more instruction bytes and execution
cycles than accumulator A.
INDEX REGISTER X (X)
Index register X consists of 16 bits and the low-order 8 bits can be
used separately. The index register length flag (x) determines whether
the register is used as a 16-bit register or as an 8-bit register. It is
used as a 16-bit register when flag x is “0” and as an 8-bit register
when flag x is “1”. Flag x is a part of the processor status register
(PS) which is described later.
In an index addressing mode where register X is used as the index
register, the contents of this address is added to obtain the real
address.
Also, when executing a block transfer instruction (MVP, MVN), the
contents of index register X indicates the low-order 16 bits of the
source data address. The third byte of the MVP or MVN is the high-
order 8 bits of the source data address.
INDEX REGISTER Y (Y)
Index register Y consists of 16 bits and the low-order 8 bits can be
used separately. The index register length flag (x) determines whether
the register is used as a 16-bit register or as an 8-bit register. It is
used as a 16-bit register when flag x is “0” and as an 8-bit register
when flag x is “1”. Flag x is a part of the processor status register
(PS) which is described later.
In an index addressing mode where register Y is used as the index
register, the contents of this address is added to obtain the real
address.
Also, when executing a block transfer instruction (MVP, MVN), the
contents of index register Y indicates the low-order 16 bits of the
destination data address. The second byte of the MVP or MVN is the
high-order 8 bits of the destination data address.
Fig. 3 Register structure
70
PG
Program bank register (PG)
70
DT
Data bank register (DT)
Carry flag
Zero frag
Interrupt disable flag
Decimal mode flag
Index register length flag
Data length flag
Negative flag
Overflow flag
Processor interrupt priority level (IPL)
Accumulator A (A)
Accumulator B (B)
Index register X (X)
Index register Y (Y)
Stack pointer (S)
Program counter (PC)
Direct page register (DPR)
Processor status register (PS)
0
AH
AL
15
0
7
BH
BL
15
0
7
XH
XL
15
0
7
YH
YL
15
0
7
15
0
PC
15
0
15
0
DPR
7
15
0
N
IPL2
IPL0
IPL1
C
Z
I
D
x
m
V
00 00
S


Similar Part No. - M37733MHB274FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37733MHB274FP MITSUBISHI-M37733MHB274FP Datasheet
600Kb / 34P
   PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
M37733MHB274FP MITSUBISHI-M37733MHB274FP Datasheet
409Kb / 34P
   PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
M37733MHB274FP MITSUBISHI-M37733MHB274FP Datasheet
1Mb / 89P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37733MHB274FP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com