Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

77-4020D24 Datasheet(PDF) 1 Page - NTE Electronics

Part # 77-4020D24
Description  Fan, DC Types, 40 x 40mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

77-4020D24 Datasheet(HTML) 1 Page - NTE Electronics

  77-4020D24 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2
NTE Electronics, Inc.
Voice (973) 748
−5089 FAX (973) 748−6224 http://www.nteinc.com
Fan, DC Types, 40 x 40mm
Features
High Speed
Ball Bearings
26 AWG Red (+) and Black (
−) Leads
11.8” (300mm) Lead Length
DC OPERATED
NTE
Type No.
Rated
Voltage
Max.
Input
Current
Max.
Input
Power
(W)
Speed
10%
(RPM)
Max Air
Flow
(CFM)
Max
Acoustical
Noise
Diag
No.
77
−4010D12
12
0.10A
1.24
7000
7.73
36dB(A)
F1a
77
−4010D24
24
0.10A
2.48
7000
7.73
36dB(A)
F1a
77
−4020D12
12
0.14A
1.66
7500
8.13
35dB(A)
F1b
77
−4020D24
24
0.08A
1.93
7500
8.13
35dB(A)
F1b
ACCESSORIES
FAN TYPE
DESCRIPTION
NTE TYPE NO.
40 X 40mm
Fan Guard, Metal
77
−MG40
40 X 40mm
Fan Filter, 3
−Piece w/Cover
77
−FF40
F1
b: 20mm
a: 10mm
Black (
−)
Red (+)
1.260
(32.0)
1.576
(40.0)
1.260 (32.0)
1.576 (40.0)
11.811 (300.0)
.118 (3.0)
.413 (10.5)
.138
(3.5)
Dia
.236
(6.0)
Dia
.236
(6.0)
Dia
.138
(3.5)
Dia
.059 (1.5)
.787 (20.0)
.118 (3.0)
Specifications
Electrical Characteristics
Insulation Resistance: 10M
Min. (at 500VDC) between frame and
positive terminal
Dielectric Strength: 500VAC, 1 minute; 600VAC, 1 sec at 5mA Max.
between frame and positive terminal
Life Expectancy: Approx. 70000 hours at rated voltage, +40 C, 15%
to 65% RH
Mechanical Characteristics
Frame: Thermoplastic, Black, UL94V
−0
Impeller: Thermoplastic, Black, UL94V
−0
Bearing: 2 Ball Bearings
Weight: Approx. 16g (10mm); 29g (20mm)
Environmental Characteristics
Operating Temperature:
−10 C to +70 C
Storage Temperature:
−40 C to +75 C
Operating Humidity: 35% to 85% RH
Storage Humidity: 35% to 85% RH
Protection
Polarity: Damage will not occur for up to 10 minutes with positive and
negative leads connected in reverse.
Locked Rotor: Within 72 hours of a rotor locking condition, at the rated
voltage and operating temperature, the impedance of the motor winding
will protect the motor from damage.


Similar Part No. - 77-4020D24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
77-010 ETC-77-010 Datasheet
270Kb / 10P
   Slot Mount Series
1994
logo
Laird Tech Smart Techno...
77-010 LSTD-77-010 Datasheet
5Mb / 64P
   BERYLLIUM COPPER SOLUTIONS AND BEYOND.
logo
List of Unclassifed Man...
77-010-02 ETC-77-010-02 Datasheet
270Kb / 10P
   Slot Mount Series
1994
77-011 ETC-77-011 Datasheet
270Kb / 10P
   Slot Mount Series
1994
logo
Laird Tech Smart Techno...
77-011 LSTD-77-011 Datasheet
5Mb / 64P
   BERYLLIUM COPPER SOLUTIONS AND BEYOND.
More results

Similar Description - 77-4020D24

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
77-6015D12 NTE-77-6015D12 Datasheet
363Kb / 1P
   Fan, DC Types, 60 x 60mm
77-12025D12 NTE-77-12025D12 Datasheet
5Mb / 1P
   Fan, AC & DC Types, 120 x 120mm
77-8015D12 NTE-77-8015D12 Datasheet
379Kb / 1P
   Fan, AC & DC Types, 80 x 80mm
77-8015D12 NTE-77-8015D12_18 Datasheet
547Kb / 1P
   Fan, AC & DC Types, 80 x 80mm
77-12025D12 NTE-77-12025D12_17 Datasheet
5Mb / 1P
   Fan, AC & DC Types, 120 x 120mm
logo
CoolCox Limited All rig...
4010L05S COOLCOX-4010L05S Datasheet
2Mb / 14P
   40 x 40 x 10mm High Quality DC Fan
logo
NTE Electronics
77-9225A120 NTE-77-9225A120 Datasheet
289Kb / 1P
   Fan, AC Types, 92 x 92mm
logo
ORION FANS
OD4010 ORIONFANS-OD4010_16 Datasheet
282Kb / 1P
   DC Fan - 5, 12, 24V 40 x 10mm (1.58??x 0.39??
logo
Qualtek Electronics Cor...
08149 QUALTEK-08149 Datasheet
218Kb / 1P
   WIRE FORM FAN GUARD (40mm)
logo
List of Unclassifed Man...
9GA0412P7G001 ETC2-9GA0412P7G001 Datasheet
111Kb / 2P
   DC Fan San Ace 40
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com