Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2617GY-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP2617GY-HF
Description  RoHS Compliant & Halogen-Free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2617GY-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP2617GY-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2617GY-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2617GY-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2617GY-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2617GY-HF Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AP2617GY-HF
65mΩ
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Drain Current v.s. Ambient
Temperature
4
0
1
2
3
4
5
6
0
4
8
121620
Q G , Total Gate Charge (nC)
I D = -4A
V DS = -10V
0.01
0.1
1
10
100
0.01
0.1
1
10
100
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.2
Duty factor=0.5
Single Pulse
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
t
T
Rthja = 156℃/W
0
400
800
1200
1600
2000
1
5
9
13
17
21
25
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
Operation in this
area limited by
RDS(ON)
0
4
8
12
16
20
01234
-V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS = -5V
0
2
4
6
8
25
50
75
100
125
150
T A , Ambient Temperature (
o C )
T j = -40
o C
0.1
0.05
0.02
0.01
.


Similar Part No. - AP2617GY-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2610GY-HF A-POWER-AP2610GY-HF Datasheet
63Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2610GY-HF A-POWER-AP2610GY-HF_14 Datasheet
63Kb / 4P
   Fast Switching Characteristic
AP2610GY-HF A-POWER-AP2610GY-HF_16 Datasheet
62Kb / 5P
   Fast Switching Characteristic
AP2611GY-HF A-POWER-AP2611GY-HF Datasheet
64Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2611GY-HF A-POWER-AP2611GY-HF_14 Datasheet
64Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP2617GY-HF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
   RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
   RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
   RoHS Compliant & Halogen-Free
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
   RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
   RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
   RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
   RoHS Compliant & Halogen Free
logo
Advanced Power Electron...
AP9926GM-HF A-POWER-AP9926GM-HF_14 Datasheet
66Kb / 4P
   RoHS Compliant & Halogen-Free
AP2611GYT-HF A-POWER-AP2611GYT-HF_14 Datasheet
56Kb / 4P
   RoHS Compliant & Halogen-Free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com