Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2613GY-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP2613GY-HF
Description  Fast Switching Characteristic
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2613GY-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP2613GY-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2613GY-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2613GY-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2613GY-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2613GY-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Fast Switching Characteristic
BVDSS
-20V
▼ Lower Gate Charge
RDS(ON)
37mΩ
▼ Small Footprint & Low Profile Package
ID
3
- 6.2A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
62.5
℃/W
Data and specifications subject to change without notice
Halogen-Free Product
1
AP2613GY-HF
Rating
- 20
+ 8
-6.2
Drain Current
3, V
GS @ 4.5V
-4.9
Pulsed Drain Current
1
-24
Parameter
Drain-Source Voltage
Gate-Source Voltage
Drain Current
3, V
GS @ 4.5V
Total Power Dissipation
Operating Junction Temperature Range
Storage Temperature Range
2
-55 to 150
-55 to 150
Thermal Data
201411062
Parameter
G
D
S
D
D
D
D
G
S
SOT-26
AP2613 series are from Advanced Power innovated design and silicon
process technology to achieve the lowest possible on-resistance and fast
switching performance. It provides the designer with an extreme efficient
device for use in a wide range of power applications.
The SOT-26 package is widely used for all commercial-industrial
applications.
.


Similar Part No. - AP2613GY-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2613GY-HF A-POWER-AP2613GY-HF_14 Datasheet
61Kb / 4P
   Fast Switching Characteristic
More results

Similar Description - AP2613GY-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP07S60H-A-HF A-POWER-AP07S60H-A-HF Datasheet
93Kb / 4P
   Fast Switching Characteristic
AP2340GN-HF A-POWER-AP2340GN-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
AP2606AGY-HF A-POWER-AP2606AGY-HF_14 Datasheet
100Kb / 4P
   Fast Switching Characteristic
AP2606GY-HF A-POWER-AP2606GY-HF_14 Datasheet
94Kb / 5P
   Fast Switching Characteristic
AP2763W-A A-POWER-AP2763W-A_14 Datasheet
238Kb / 5P
   Fast Switching Characteristic
AP2864I-A-HF A-POWER-AP2864I-A-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP3986P A-POWER-AP3986P_14 Datasheet
102Kb / 5P
   Fast Switching Characteristic
AP3988P-HF A-POWER-AP3988P-HF_14 Datasheet
123Kb / 4P
   Fast Switching Characteristic
AP03N90I-HF A-POWER-AP03N90I-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP10N60W A-POWER-AP10N60W_14 Datasheet
191Kb / 5P
   Fast Switching Characteristic
AP2310GG-HF A-POWER-AP2310GG-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com