Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74-MAF25A Datasheet(PDF) 1 Page - NTE Electronics

Part # 74-MAF25A
Description  Miniature Blade Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

74-MAF25A Datasheet(HTML) 1 Page - NTE Electronics

  74-MAF25A Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NEW
NEW
NEW
NEW
NEW
NEW
NEW
10
NTE Electronics, Inc. Voice (973) 748
−5089 FAX (973) 748−6224 http://www.nteinc.com
ATM Equivalent − Low Voltage Miniature
Automotive, Fast Acting
Features
Miniature Blade Type
RoHS Compliant
NTE Type No.
Rated Current
Color Code
Diag No.
74
−MAF2A
2A
Gray
F
−05
74
−MAF3A
3A
Violet
F
−05
74
−MAF4A
4A
Pink
F
−05
74
−MAF5A
5A
Tan
F
−05
74
−MAF7.5A
7.5A
Brown
F
−05
74
−MAF10A
10A
Red
F
−05
74
−MAF15A
15A
Blue
F
−05
74
−MAF20A
20A
Yellow
F
−05
74
−MAF25A
25A
Natural
F
−05
74
−MAF30A
30A
Green
F
−05
.295
(7.5)
.362
(9.2)
.657
(16.7)
F−05
.043 (1.1)
.433 (11.0)
.413 (10.5)
.150 (3.8)
.098
(2.5)
.031 (0.8)
.138
(3.5)
Specifications
Rated Voltage: 32V
Time Current Characteristics:
% of Ampere Rating
Opening Time
110%
4 hours min.
135%
0.75
− 1800 seconds
200%
0.15
− 5 seconds
300%
0.08 seconds max.
Accessories:
Description
NTE Type No.
In
−Line Fuse Holder, up to 15A
74
−IFHMA15
In
−Line Fuse Holder, up to 30A
74
−IFHMA30
In
−Line Fuse Holder w/LED Light, up to 15A
74
−IFHMAL15
In
−Line Fuse Holder w/LED Light, up to 30A
74
−IFHMAL30
ATC Equivalent - Low Voltage Automotive, Fast Acting
Features
Fast Acting
RoHS Compliant
NTE Type No.
Rated Current
Color Code
Diag No.
74
−AF1A
1A
Black
F
−06
74
−AF2A
2A
Gray
F
−06
74
−AF3A
3A
Violet
F
−06
74
−AF4A
4A
Pink
F
−06
74
−AF5A
5A
Tan
F
−06
74
−AF7.5A
7.5A
Brown
F
−06
74
−AF10A
10A
Red
F
−06
74
−AF15A
15A
Blue
F
−06
74
−AF20A
20A
Yellow
F
−06
74
−AF25A
25A
Natural
F
−06
74
−AF30A
30A
Green
F
−06
F−06
.760 (19.3)
.750
(19.05)
.494
(12.54)
.206 (5.24)
.461 (11.7)
.027 (0.69)
.263
(6.67)
.207 (5.25)
.150 (3.8)
Specifications
Rated Voltage: 32V
Time Current Characteristics:
% of Ampere Rating
Opening Time
110%
100 hours min.
135%
1800 seconds max.
200%
5 seconds max.
300%
0.08 seconds max.
Accessories:
Description
NTE Type No.
In
−Line Fuse Holder, up to 15A
74
−IFHA15
In
−Line Fuse Holder, up to 30A
74
−IFHA30
In
−Line Fuse Holder w/LED Light, up to 15A
74
−IFHAL15
In
−Line Fuse Holder w/LED Light, up to 30A
74
−IFHAL30


Similar Part No. - 74-MAF25A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
74-MF1.5A NTE-74-MF1.5A Datasheet
372Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-MF10A NTE-74-MF10A Datasheet
372Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-MF1A NTE-74-MF1A Datasheet
372Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-MF2.5A NTE-74-MF2.5A Datasheet
372Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-MF250MA NTE-74-MF250MA Datasheet
372Kb / 1P
   Available in Fast Acting and Slow Blow Types
More results

Similar Description - 74-MAF25A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MAX-20 COOPER-MAX-20 Datasheet
78Kb / 1P
   Blade-Type Fuses
ATM-3 COOPER-ATM-3 Datasheet
83Kb / 1P
   Blade-Type Fuses
ATM-4 COOPER-ATM-4 Datasheet
83Kb / 1P
   Blade-Type Fuses
MAX COOPER-MAX Datasheet
78Kb / 1P
   Blade-Type Fuses
15600 COOPER-15600 Datasheet
79Kb / 1P
   ATC Blade-Type Fuse Panels
logo
List of Unclassifed Man...
6BC4 ETC2-6BC4 Datasheet
112Kb / 2P
   TRIODE MINIATURE TYPE
6AU6WB ETC2-6AU6WB Datasheet
70Kb / 2P
   PENTODE MINIATURE TYPE
6EH5 ETC2-6EH5_1 Datasheet
134Kb / 3P
   PENTODE MINIATURE TYPE
12AF3 ETC2-12AF3 Datasheet
71Kb / 2P
   DIODE MINIATURE TYPE
12EZ6 ETC2-12EZ6 Datasheet
97Kb / 2P
   PENTODE MINIATURE TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com