Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS84 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS84
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS84 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS84 Datasheet HTML 1Page - Vectron International, Inc TFS84 Datasheet HTML 2Page - Vectron International, Inc TFS84 Datasheet HTML 3Page - Vectron International, Inc TFS84 Datasheet HTML 4Page - Vectron International, Inc TFS84 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 84.doc
Version 2.1
03.03.2011
Vectron International
Filter specification
TFS 84
1/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
315
Ω || - 41,0 pF
Output:
190
Ω || - 52,9 pF
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS 84 is the minimum of the pass band attenuation. This value is defined as the insertion loss
ae. The nominal frequency fN is fixed at 84,375 MHz without any tolerance. The values of relative attenuation arel are guaranteed for the whole operating
temperature range. The frequency shift of the filter in the operating temperature range is included in the production tolerance scheme.
D a t a
typ. value ****
tolerance / limit
Insertion loss
ae ***
9,4
max.
11
dB
(reference level)
max.
12
dB
Nominal frequency
fN
-
84,375 MHz
Centre frequency at ambient temperature
fC
84,375 MHz
MHz
Passband
PB
fN
±
2
MHz
Amplitude ripple within fN+/- 1,6 MHz
p-p
***
0,5
max.
1
dB
max.
2,5
dB
Amplitude ripple within fN+/- 2,0 MHz
p-p
1,6
max.
3
dB
Bandwidth
BW
3
dB
4,4
min.
4
MHz
40
dB
7,1
max.
9,5
MHz
Relative attenuation
arel
fN
...
fN
±
2
MHz
1,6
max.
3
dB
fN
±
4,25
MHz ...
fN
±
4,75
MHz
45
min.
35
dB
fN
±
4,75
MHz ...
fN
±
20
MHz
44
min.
40
dB
Group delay ripple within fN+/- 1,6 MHz
p-p ***
74
max.
100
ns
max.
150
ns
Operating temperature range
OTR
- 40 °C ... + 85 °C
Storage temperature range
- 40 °C ... + 85 °C
Temperature coefficient of frequency
TCf **
-23
ppm/K
-
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference
values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**)
∆f(Hz) = TCf(ppm/K) x (T-T0) x fTo(MHz)
***) at room temperature only
****) Typical values at room temperature
Generated:
Checked / Approved:
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.


Similar Part No. - TFS84

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS840 VECTRON-TFS840 Datasheet
154Kb / 5P
   Filter Specification
TFS840B VECTRON-TFS840B Datasheet
158Kb / 5P
   Vectron International Filter specification
TFS840C VECTRON-TFS840C Datasheet
149Kb / 5P
   Vectron International Filter specification
TFS845A VECTRON-TFS845A Datasheet
86Kb / 5P
   Vectron International Filter specification
TFS845B VECTRON-TFS845B Datasheet
183Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS84

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com