Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2602GY-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP2602GY-HF
Description  Surface Mount Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2602GY-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP2602GY-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2602GY-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2602GY-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2602GY-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2602GY-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AP2602GY-HF
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Capable of 2.5V Gate Drive
BVDSS
20V
▼ Lower On-resistance
RDS(ON)
34mΩ
▼ Surface Mount Package
ID
6.3A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
62.5
℃/W
Data and specifications subject to change without notice
Thermal Data
Parameter
Storage Temperature Range
Total Power Dissipation
2
-55 to 150
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
0.016
Drain Current
3, V
GS @ 4.5V
5
Pulsed Drain Current
1
30
Gate-Source Voltage
+12
Drain Current
3, V
GS @ 4.5V
6.3
Parameter
Rating
Drain-Source Voltage
20
201501215
1
Halogen-Free Product
G
D
S
D
D
D
D
G
S
SOT-26
AP2602 series are from Advanced Power innovated design and silicon
process technology to achieve the lowest possible on-resistance and fast
switching performance. It provides the designer with an extreme efficient
device for use in a wide range of power applications.
The SOT-26 package is widely used for all commercial-industrial
applications.


Similar Part No. - AP2602GY-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2602GY-HF A-POWER-AP2602GY-HF_14 Datasheet
66Kb / 4P
   Lower On-resistance
More results

Similar Description - AP2602GY-HF_16

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4530 VECTRON-C4530_06 Datasheet
119Kb / 5P
   Surface Mount Package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
   Surface mount package
AP2422GY A-POWER-AP2422GY_14 Datasheet
121Kb / 5P
   Surface mount package
logo
KR Electronics, Inc.
2505 KR-2505 Datasheet
28Kb / 2P
   Surface Mount Package
logo
Advanced Power Electron...
AP2906EY A-POWER-AP2906EY Datasheet
73Kb / 6P
   Surface mount package
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP2306CGN-HF A-POWER-AP2306CGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP9938AGEY-HF A-POWER-AP9938AGEY-HF_16 Datasheet
104Kb / 5P
   Surface Mount Package
logo
M/A-COM Technology Solu...
OD-S-1249 MA-COM-OD-S-1249 Datasheet
191Kb / 1P
   Package, Surface Mount
logo
Gaomi Xinghe Electronic...
1N4148W GXELECTRONICS-1N4148W Datasheet
687Kb / 2P
   Surface Mount Package
logo
Advanced Power Electron...
AP2530GY-HF A-POWER-AP2530GY-HF_14 Datasheet
91Kb / 7P
   Surface Mount Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com