Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02-N101-1 Datasheet(PDF) 1 Page - NTE Electronics

Part # 02-N101-1
Description  Automotive Electronics
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

02-N101-1 Datasheet(HTML) 1 Page - NTE Electronics

  02-N101-1 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THERMISTORS
29
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
NTC Radial Lead Types
Description
NTE compensation type NTC thermistors are small−sized radial
lead ethoxyline resin−enveloped thermistors designed for high
precision and fast response.
Product Applications
Home Appliances such as Air Conditioners, Refrigerators, Fans,
Cookers, Washing Machines, Microwave Ovens, Radios, TVs,
etc.
Automotive Electronics
Computers, Digital Meters
Specifications
Max. Power Rating (at 25 C): 450mW
Zero Power Resistance (at 25 ):
10%
Dissipation Factor:
15mW/ C
Thermal Time Constant:
15 sec
Insulation Resistance: 100M
Operating Temperature Range: −40 to +125 C
.217 (5.5) Max
T−01
.138 (3.5) Max
.018 (0.45)
.098 (2.5)
.984 (25.0) Min
NTE Type No.
Resistance (R25)
B Constant (B25/50)
Diag No.
02−N101−1
100
10%
3100K
1%
T−01
02−N201−1
200
10%
3100K
1%
T−01
02−N102−1
1K
10%
3800K
1%
T−01
02−N302−1
3K
10%
3900K
1%
T−01
02−N502−1
5K
10%
3900K
1%
T−01
02−N103−1
10K
10%
3434K
1%
T−01
02−N103−2
10K
10%
4100K
1%
T−01
02−N503−1
50K
10%
4200K
1%
T−01
02−N104−1
100K
10%
4400K
1%
T−01
02−N204−1
200K
10%
4500K
1%
T−01


Similar Part No. - 02-N101-1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
02-0104-0400 JDSU-02-0104-0400 Datasheet
205Kb / 4P
   CAS-2000 Comprehensive Application System
02-0140-0200 JDSU-02-0140-0200 Datasheet
205Kb / 4P
   CAS-2000 Comprehensive Application System
02-0274-0100 JDSU-02-0274-0100 Datasheet
205Kb / 4P
   CAS-2000 Comprehensive Application System
logo
HARTING Technology Grou...
02-05-000-1511 HARTING-02-05-000-1511 Datasheet
881Kb / 3P
   DIN-Signal harbus64,C,F,PL1-5000 reel
02-05-000-1512 HARTING-02-05-000-1512 Datasheet
881Kb / 3P
   DIN-Signal harbus64,C,F,PL1-500 reel
More results

Similar Description - 02-N101-1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39861B3563U410 TDK-B39861B3563U410 Datasheet
72Kb / 7P
   SAW filters for automotive electronics
B39311R0966H110 TDK-B39311R0966H110 Datasheet
52Kb / 5P
   SAW Filters for Automotive Electronics
B39202B4381P810 TDK-B39202B4381P810 Datasheet
132Kb / 11P
   SAW filters for automotive electronics
B39941B4380P810 TDK-B39941B4380P810 Datasheet
125Kb / 11P
   SAW filters for automotive electronics
logo
Keysight Technologies
TS-5020 KEYSIGHT-TS-5020 Datasheet
665Kb / 9P
   TS-5020 Automotive Electronics Functional Test System
TS-8900 KEYSIGHT-TS-8900 Datasheet
770Kb / 63P
   TS-8900 Automotive Electronics Functional Test System
logo
STMicroelectronics
AN2689 STMICROELECTRONICS-AN2689 Datasheet
803Kb / 42P
   Protection of automotive electronics from electrical hazards
logo
Ohmite Mfg. Co.
RES-MCS OHMITE-RES-MCS Datasheet
494Kb / 2P
   Industrial electronics, power electronics
logo
Keysight Technologies
TS-5400 KEYSIGHT-TS-5400 Datasheet
980Kb / 15P
   TS-5400 Series II Automotive Electronics Functional Test System
logo
List of Unclassifed Man...
Z8E00010PSC ETC-Z8E00010PSC Datasheet
69Kb / 1P
   electronics
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com