Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2338GN-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP2338GN-HF
Description  Halogen Free & RoHS Compliant Product
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2338GN-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP2338GN-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2338GN-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2338GN-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2338GN-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2338GN-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AP2338GN-HF
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
20
40
60
80
100
012345
V GS , Gate-to-Source Voltage (V)
I D =1A
T A =25
o C
0.4
0.8
1.2
1.6
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =5A
V G =4.5V
0
2
4
6
8
0
0.2
0.4
0.6
0.8
1
1.2
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C)
0
10
20
30
01
23
45
V DS , Drain-to-Source Voltage (V)
T A =25
o C
5.0V
4.5V
3.5V
2.5V
V G =1.5V
0
10
20
30
02
468
V DS , Drain-to-Source Voltage (V)
T A =150
o C
5.0V
4.5V
3.5V
2.5V
V G =1.5V
I D =1mA


Similar Part No. - AP2338GN-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2338GN-HF A-POWER-AP2338GN-HF_14 Datasheet
101Kb / 4P
   Surface Mount Device
More results

Similar Description - AP2338GN-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2607GY-HF A-POWER-AP2607GY-HF_16 Datasheet
63Kb / 5P
   Halogen Free & RoHS Compliant Product
AP4434GM-HF A-POWER-AP4434GM-HF_16 Datasheet
99Kb / 5P
   Halogen Free & RoHS Compliant Product
AP6983GN2-HF A-POWER-AP6983GN2-HF_14 Datasheet
96Kb / 4P
   Halogen Free & RoHS Compliant Product
AP2328GN-HF A-POWER-AP2328GN-HF_16 Datasheet
99Kb / 5P
   Halogen Free & RoHS Compliant Product
AP6982GN2-HF A-POWER-AP6982GN2-HF_14 Datasheet
174Kb / 7P
   Halogen Free & RoHS Compliant Product
AP6985GN2-HF A-POWER-AP6985GN2-HF_14 Datasheet
138Kb / 7P
   Halogen Free & RoHS Compliant Product
AP2607AGY-HF A-POWER-AP2607AGY-HF_16 Datasheet
62Kb / 5P
   Halogen Free & RoHS Compliant Product
AP9938GEO-HF A-POWER-AP9938GEO-HF_16 Datasheet
63Kb / 5P
   Halogen Free & RoHS Compliant Product
AP6985GN2-HF A-POWER-AP6985GN2-HF_16 Datasheet
69Kb / 5P
   Halogen Free & RoHS Compliant Product
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com