Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKI10198 Datasheet(PDF) 4 Page - Sanken electric

Part # EKI10198
Description  N ch Trench Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

EKI10198 Datasheet(HTML) 4 Page - Sanken electric

  EKI10198_14 Datasheet HTML 1Page - Sanken electric EKI10198_14 Datasheet HTML 2Page - Sanken electric EKI10198_14 Datasheet HTML 3Page - Sanken electric EKI10198_14 Datasheet HTML 4Page - Sanken electric EKI10198_14 Datasheet HTML 5Page - Sanken electric EKI10198_14 Datasheet HTML 6Page - Sanken electric EKI10198_14 Datasheet HTML 7Page - Sanken electric EKI10198_14 Datasheet HTML 8Page - Sanken electric EKI10198_14 Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EKI10198
EKI10198-DS Rev.1.3
SANKEN ELECTRIC CO.,LTD.
4
May. 29, 2014
0
5
10
15
20
25
30
35
40
45
0
10 20 30 40 50 60 70 80 90 100
ID (A)
RDS(ON)-ID characteristics (typical)
VGS=10V
Tc = 125℃
75℃
25℃
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
VGS (V)
ID-VGS characteristics (typical)
VDS=5V
Tc =125℃
75℃
25℃
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
5
10
15
VGS (V)
VDS-VGS characteristics (typical)
ID=11.7A
ID=20.4A
ID=23.4A
Tc=25℃
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
VSD (V)
IDR-VSD characteristics (typical)
Tc=25℃
VGS=10V
VGS=4.5V
3V
0V
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
VSD (V)
IDR-VSD characteristics (typical)
VDS=0V
Tc =125℃
75℃
25℃
0
5
10
15
0
20
40
60
Qg (nC)
VGS - Qg characteristics (typical)
Tc=25℃
VDS=50V
ID=23.4A
0
1
2
3
25
50
75
100
125
150
Tc (℃)
Vth-Tc characteristics (typical)
ID=1mA
VGS=VDS
0
5
10
15
20
25
30
35
25
50
75
100
125
150
Tc (℃)
RDS(ON)-Tc characteristics (typical)
ID=23.4A
VGS=10V
0
5
10
15
20
25
30
35
25
50
75
100
125
150
Tc (℃)
RDS(ON)-Tc characteristics (typical)
ID=11.7A
VGS=4.5V
100
105
110
115
120
125
130
25
50
75
100
125
150
Tc (℃)
BVDSS-Tc characteristics (typical)
ID=1mA
VGS=0V
0
10
20
30
40
50
0
10 20 30 40 50 60 70 80 90 100
ID (A)
RDS(ON)-ID characteristics (typical)
VGS=4.5V
Tc = 125℃
75℃
25℃
10
100
1000
10000
0
10
20
30
40
50
VDS (V)
Capacitance-VDS characteristics (typical)
Ciss
Coss
Crss
Ta=25℃
VGS=0V
f =1MHz


Similar Part No. - EKI10198_14

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EKI10198 SANKEN-EKI10198 Datasheet
252Kb / 6P
   DC-DC converters
logo
Inchange Semiconductor ...
EKI10198 ISC-EKI10198 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - EKI10198_14

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKI10531 SANKEN-FKI10531 Datasheet
266Kb / 6P
   N ch Trench Power MOSFET
GKI04031 SANKEN-GKI04031 Datasheet
247Kb / 6P
   N ch Trench Power MOSFET
FKI10126 SANKEN-FKI10126 Datasheet
266Kb / 6P
   N ch Trench Power MOSFET
SKI03021 SANKEN-SKI03021 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI03063 SANKEN-SKI03063 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04024 SANKEN-SKI04024 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04033 SANKEN-SKI04033 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04044 SANKEN-SKI04044 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI06073 SANKEN-SKI06073 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI10195 SANKEN-SKI10195 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
GKI03061 SANKEN-GKI03061 Datasheet
366Kb / 6P
   N ch Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com