Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKI10751 Datasheet(PDF) 6 Page - Sanken electric

Part # DKI10751
Description  N ch Trench Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

DKI10751 Datasheet(HTML) 6 Page - Sanken electric

  DKI10751_15 Datasheet HTML 1Page - Sanken electric DKI10751_15 Datasheet HTML 2Page - Sanken electric DKI10751_15 Datasheet HTML 3Page - Sanken electric DKI10751_15 Datasheet HTML 4Page - Sanken electric DKI10751_15 Datasheet HTML 5Page - Sanken electric DKI10751_15 Datasheet HTML 6Page - Sanken electric DKI10751_15 Datasheet HTML 7Page - Sanken electric DKI10751_15 Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DKI10751
DKI10751-DS Rev.1.5
SANKEN ELECTRIC CO.,LTD.
6
Mar. 11, 2015
Package Outline
NOTES:
1) Dimension is in millimeters
2) Pb-free. Device composition compliant with the RoHS directive
Marking Diagram
Part Number
YMDD
XXXB
DKI×××××
Lot Number
Y is the Last digit of the year (0 to 9)
M is the Month (1 to 9, O, N or D)
DD is the Date (two digit of 01 to 31)
XXX is the suffix No.
B expresses Pb free pins
SK
TO252
Symbol
Min.
Max.
A
2.18
2.39
A1
--
0.13
b
0.70
0.89
b1
0.70
0.86
b2
0.76
1.14
b3
4.95
5.46
c
0.46
0.61
c1
0.41
0.56
c2
0.46
0.89
D
5.97
6.22
D1
5.21
--
E
6.35
6.73
E1
4.32
--
e
2.29
H
9.40
10.41
L
1.40
1.78
L1
2.60
2.90
L2
0.51
L3
1.65
1.95
L4
0.60
0.90
L5
0.89
1.27
θ
θ1
7° REF
φ
1.20 REF


Similar Part No. - DKI10751_15

ManufacturerPart #DatasheetDescription
logo
Sanken electric
DKI10751 SANKEN-DKI10751 Datasheet
375Kb / 6P
   DC-DC converters
logo
Inchange Semiconductor ...
DKI10751 ISC-DKI10751 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
DKI10751 DOINGTER-DKI10751 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - DKI10751_15

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKI10531 SANKEN-FKI10531 Datasheet
266Kb / 6P
   N ch Trench Power MOSFET
GKI04031 SANKEN-GKI04031 Datasheet
247Kb / 6P
   N ch Trench Power MOSFET
FKI10126 SANKEN-FKI10126 Datasheet
266Kb / 6P
   N ch Trench Power MOSFET
SKI03021 SANKEN-SKI03021 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI03063 SANKEN-SKI03063 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04024 SANKEN-SKI04024 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04033 SANKEN-SKI04033 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04044 SANKEN-SKI04044 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI06073 SANKEN-SKI06073 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI10195 SANKEN-SKI10195 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
GKI03061 SANKEN-GKI03061 Datasheet
366Kb / 6P
   N ch Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com