Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIM310-1030000 Datasheet(PDF) 4 Page - SICK AG

Part # TIM310-1030000
Description  2D LASER SCANNERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

TIM310-1030000 Datasheet(HTML) 4 Page - SICK AG

  TIM310-1030000 Datasheet HTML 1Page - SICK AG TIM310-1030000 Datasheet HTML 2Page - SICK AG TIM310-1030000 Datasheet HTML 3Page - SICK AG TIM310-1030000 Datasheet HTML 4Page - SICK AG TIM310-1030000 Datasheet HTML 5Page - SICK AG TIM310-1030000 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
TIM310-1030000 | TiM3xx
2D LASER SCANNERS
4
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-03-19 03:20:07
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
60 (2.36)
4.4 (0.17)
4
5
3
7
6
76.3 (3.0)*)
Ø 4
.3
*)
(0
.16
)
68.8 (2.71)*)
51 (20)
68.8 (2.71)*)
Ø 4
.3
(0
.1
7)
*)
2
1
225°
‒45°
180°
90°
á
à
51 (2.00)
0.5*)
9
8
ß
2
2
*) Measures including straight plates
60 (2.36)
(0.02)
Mounting kit 1
2 x
①  2 x straight plates with M3 x 4 mm screw (included in delivery)
②  M3 threaded mounting hole, 2.8 mm deep (blind hole thread)
③  Optical hood
④  Receiving range (light inlet)
⑤  Transmission range (light emission)
⑥  Red and green LED (status displays)
⑦  Function button for teach-in
⑧  Connecting cable exit (“power/switching inputs/outputs” connection)
⑨  Micro USB female connector, type B
⑩  Marking for the position of the light emission level
⑪  Bearing marking to support alignment (90° axis)
⑫  Aperture angle 270° (scanning angle)


Similar Part No. - TIM310-1030000

ManufacturerPart #DatasheetDescription
logo
SICK AG
TIM310-1030000S01 SICK-TIM310-1030000S01 Datasheet
772Kb / 6P
   2D LASER SCANNERS
TIM310-1030000S02 SICK-TIM310-1030000S02 Datasheet
772Kb / 6P
   2D LASER SCANNERS
More results

Similar Description - TIM310-1030000

ManufacturerPart #DatasheetDescription
logo
SICK AG
LMC124-11000 SICK-LMC124-11000 Datasheet
344Kb / 5P
   2D LASER SCANNERS
LMS151-10100 SICK-LMS151-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
TIM510-9950000S01 SICK-TIM510-9950000S01 Datasheet
550Kb / 6P
   2D LASER SCANNERS
LD-LRS3601 SICK-LD-LRS3601 Datasheet
596Kb / 5P
   2D LASER SCANNERS
LMS131-10100 SICK-LMS131-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
LMS531-10100 SICK-LMS531-10100 Datasheet
692Kb / 5P
   2D LASER SCANNERS
NAV350-3232 SICK-NAV350-3232 Datasheet
914Kb / 6P
   2D LASER SCANNERS
LMS500-21000 SICK-LMS500-21000 Datasheet
575Kb / 5P
   2D LASER SCANNERS
LMS511-20100 SICK-LMS511-20100 Datasheet
923Kb / 6P
   2D LASER SCANNERS
TIM320-1131000 SICK-TIM320-1131000 Datasheet
593Kb / 6P
   2D LASER SCANNERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com