Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE423641MLAA-Z Datasheet(PDF) 8 Page - Peregrine Semiconductor

Part # PE423641MLAA-Z
Description  UltraCMOS SP4T RF Switch 50??000 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE423641MLAA-Z Datasheet(HTML) 8 Page - Peregrine Semiconductor

Back Button PE423641MLAA-Z Datasheet HTML 3Page - Peregrine Semiconductor PE423641MLAA-Z Datasheet HTML 4Page - Peregrine Semiconductor PE423641MLAA-Z Datasheet HTML 5Page - Peregrine Semiconductor PE423641MLAA-Z Datasheet HTML 6Page - Peregrine Semiconductor PE423641MLAA-Z Datasheet HTML 7Page - Peregrine Semiconductor PE423641MLAA-Z Datasheet HTML 8Page - Peregrine Semiconductor PE423641MLAA-Z Datasheet HTML 9Page - Peregrine Semiconductor PE423641MLAA-Z Datasheet HTML 10Page - Peregrine Semiconductor PE423641MLAA-Z Datasheet HTML 11Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Product Specification
PE423641
Page 8 of 11
©2013-2014 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-12414-2 │ UltraCMOS® RFIC Solutions
Evaluation Kit
The SP4T switch evaluation board was designed
to ease customer evaluation of Peregrine’s
PE423641. The RF common port is connected
through a 50Ω transmission line via the top SMA
connector, J1. RF1, RF2, RF3 and RF4 are
connected through 50Ω transmission lines via
SMA connectors J3, J5, J2 and J4, respectively.
A through 50Ω transmission is available via SMA
connectors J6 and J7. This transmission line can
be used to estimate the loss of the PCB over the
environmental conditions being evaluated.
The board is constructed of a four metal layer
FR4 material with a total thickness of 62 mils.
The middle layers provide ground for the
transmission lines. The transmission lines were
designed using a coplanar waveguide with
ground plane model using a trace width of
32 mils, trace gaps of 25 mils, and metal
thickness of 2.1 mils.
Figure 12. Evaluation Board Layouts
PRT-50900


Similar Part No. - PE423641MLAA-Z

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4236 PASTERNACK-PE4236 Datasheet
328Kb / 2P
   BNC Twinax Plug Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE4236 PASTERNACK-PE4236 Datasheet
323Kb / 3P
   BNC Twinax Plug Connector Clamp/Solder Attachment
logo
Pan Jit International I...
PE4236CS PANJIT-PE4236CS Datasheet
568Kb / 8P
   Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
PE4236CS_R1_00001 PANJIT-PE4236CS_R1_00001 Datasheet
568Kb / 8P
   Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
logo
Pasternack Enterprises,...
PE4236 PASTERNACK-PE4236_16 Datasheet
323Kb / 3P
   BNC Twinax Plug Connector Clamp/Solder Attachment
More results

Similar Description - PE423641MLAA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
logo
Peregrine Semiconductor
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42540 PEREGRINE-PE42540 Datasheet
548Kb / 12P
   UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor
PE42540 PSEMI-PE42540 Datasheet
520Kb / 12P
   UltraCMOS SP4T RF Switch
PE42440 PSEMI-PE42440_14 Datasheet
1Mb / 8P
   SP4T UltraCMOS RF Switch
PE42020 PSEMI-PE42020 Datasheet
1Mb / 25P
   UltraCMOS True DC RF Switch, 0 Hz??000 MHz
logo
Peregrine Semiconductor...
PE42641 PEREGRINE-PE42641 Datasheet
306Kb / 9P
   SP4T UltraCMOS RF Switch DC - 3.0 GHz
logo
Peregrine Semiconductor
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
   SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
PE42446 PSEMI-PE42446 Datasheet
108Kb / 2P
   High Isolation UltraCMOS® SP4T RF Switch, 10 MHz–8 GHz
06/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com