Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE99153DIE Datasheet(PDF) 8 Page - Peregrine Semiconductor

Part # PE99153DIE
Description  Hi-Rel 6A DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE99153DIE Datasheet(HTML) 8 Page - Peregrine Semiconductor

Back Button PE99153DIE Datasheet HTML 4Page - Peregrine Semiconductor PE99153DIE Datasheet HTML 5Page - Peregrine Semiconductor PE99153DIE Datasheet HTML 6Page - Peregrine Semiconductor PE99153DIE Datasheet HTML 7Page - Peregrine Semiconductor PE99153DIE Datasheet HTML 8Page - Peregrine Semiconductor PE99153DIE Datasheet HTML 9Page - Peregrine Semiconductor PE99153DIE Datasheet HTML 10Page - Peregrine Semiconductor PE99153DIE Datasheet HTML 11Page - Peregrine Semiconductor PE99153DIE Datasheet HTML 12Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Page 8 of 15
©2012–2015 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-50371-6 │ UltraCMOS® Power Management Solutions
Product Specification
PE99153 DIE
Theory of Operation
General
The PE99153 is a radiation-hardened point-of-load buck
regulator. This highly integrated switching regulator
contains two synchronous power switches capable of
delivering up to 6A of continuous current. The PE99153
is designed to operate from a wide 5V bus and provide
1.0V to 3.6V supply rails for analog, digital and RF
payloads. The internal oscillator can operate at 500 kHz
or 1 MHz. Optionally, the switching frequency can be
synchronized to an external reference from 100 kHz to
5 MHz. Current limiting is adjustable with an external
resistor and is achieved through peak current mode
control. An external resistor also provides adjustable
slope compensation to optimize stability and closed loop
bandwidth across output voltage and switching frequency
range. Loop compensation is externally adjustable to
meet application transient response while still
maintaining stability requirements. The output is tri-stated
when the SDb pin is low to enable hot-spare capability.
Peak Current Mode Control Loop
The PE99153 uses a peak current mode control
architecture. At the falling edge of either the internal
oscillator or, if present, the external reference, the high
side switch turns on. The input voltage is then connected
to the load voltage through the high side switch and the
inductor for a time greater than the minimum-on-time.
Current in the inductor begins to ramp approximately as
(VIN – VOUT ) / L. Energy is stored in the inductor during
this period. As the inductor current rises, current through
the high side switch is sensed and compared to a current
threshold. The inductor current continues to ramp until
the current threshold is reached. At this point the high
side switch turns off and the low side switch turns on for
at least the minimum-off-time. Energy stored in the
inductor during the previous phase is discharged into the
load supply rail through the low side switch and the
inductor. Inductor current decreases at a rate of
approximately VOUT/L. The low side switch stays on until
the next falling edge of the reference clock. In order to
prevent unintended harmonics or spurs, the part does not
exit continuous conduction mode.
Whether the current threshold was met in the previous
clock cycle or not, a minimum-off-time, followed by a
minimum-on-time immediately follows the falling edge of
the reference clock.
While providing improved bandwidth and inherent current
limiting, all current mode control switching regulators
require slope compensation to ensure stability across all
application conditions. The PE99153 provides adjustable
slope compensation to allow the designer to optimize
transient response and stability requirements. The
compensation ramp is provided through the ICOMP pin.
Inboard of the ICOMP pin is the CICOMP capacitor which
can be used to generate an RC compensation ramp by
tying the ICOMP pin to either VOUT or VIN through an
external resistor to produce the desired ramp. See the
design guide for selection of the appropriate resistor
value. The RC ramp is reset anytime the low side switch
is on by a FET switch.
Current Threshold and Over Current Protection
The current mode control threshold current is set by the
ISET pin which is driven by the voltage control loop from
the EAOUT pin. The PE99153 takes the voltage applied
to the ISET pin, subtracts 0.7V (typ) and applies that
voltage to the RSET resistor. An internal RSET resistor will
be used if the RSEL pin is grounded or an external RSET
resistor connected to the RSET pin is used if the RSEL
pin is tied high. The current flowing through the RSET
resistor is then used as a scaled current reference for the
inductor current threshold comparison. The scaling ratio
is defined as GIREF in Table 2.
Over current protection is achieved by limiting the
maximum voltage applied to the internal or external RSET
resistor to the VMAXRSET value listed in Table 2. Thus,
the current limit can be adjusted by selection of the
external RSET resistor. This flexibility allows
characterization and testing to a high current in the lab
while still limiting the current to lower level in the
application.
Voltage Control Loop
The output voltage is achieved by controlling the ISET
pin. The PE99153 contains an amplifier with both of the
positive and negative input terminals, EAINP and EAINM
respectively, and the output terminal EAOUT all pinned
out to package pins. This allows for flexible configurations
of the voltage reference, error amplifier, feedback
networks and the current mode control loop. In normal
configuration the error amp senses the output voltage,
VOUT, through a resistor divider that produces a 1.000V
division at the target VOUT. It compares that feedback
voltage to the 1.000V reference and increases the
voltage applied to the ISET pin when the output voltage is
low and decreases the voltage applied to the ISET pin
when the output voltage is high. Loop compensation is
required to attenuate the frequency content at and above
the switching frequency and to achieve the desired phase
margin in the voltage control loop. See the Design Guide
for instructions on designing the compensation network.


Similar Part No. - PE99153DIE

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE99153 PSEMI-PE99153 Datasheet
441Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
More results

Similar Description - PE99153DIE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDM-150 ETC2-MGDM-150 Datasheet
494Kb / 17P
   Hi-Rel DC/DC CONVERTER
MGDM-04 ETC2-MGDM-04 Datasheet
225Kb / 14P
   Hi-Rel DC/DC CONVERTER
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
   Hi-Rel 2A DC-DC Converter
logo
List of Unclassifed Man...
MGDM-75 ETC2-MGDM-75 Datasheet
618Kb / 17P
   Hi-Rel DC/DC CONVERTER 75W POWER
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
logo
Murata Manufacturing Co...
MYMGK00506ERSR MURATA1-MYMGK00506ERSR Datasheet
1,018Kb / 22P
   MonoBK?? 6A DC-DC Converter Series
MYTNA1R86RELA2RA MURATA1-MYTNA1R86RELA2RA Datasheet
1Mb / 26P
   UltraBK™ 6A DC–DC Converter Module
2020
MYTNC1R86RELA2RA MURATA1-MYTNC1R86RELA2RA Datasheet
2Mb / 39P
   UltraBK™ 6A DC–DC Converter Module
2020
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106 Datasheet
624Kb / 35P
   6A Digital-DC Synchronous Step-Down DC-DC Converter
logo
Renesas Technology Corp
ZL2106 RENESAS-ZL2106 Datasheet
1Mb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com