Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

97240-01 Datasheet(PDF) 4 Page - Peregrine Semiconductor

Part # 97240-01
Description  Radiation Tolerant UltraCMOS Integer-N Frequency Synthesizer for Low Phase Noise Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

97240-01 Datasheet(HTML) 4 Page - Peregrine Semiconductor

  97240-01 Datasheet HTML 1Page - Peregrine Semiconductor 97240-01 Datasheet HTML 2Page - Peregrine Semiconductor 97240-01 Datasheet HTML 3Page - Peregrine Semiconductor 97240-01 Datasheet HTML 4Page - Peregrine Semiconductor 97240-01 Datasheet HTML 5Page - Peregrine Semiconductor 97240-01 Datasheet HTML 6Page - Peregrine Semiconductor 97240-01 Datasheet HTML 7Page - Peregrine Semiconductor 97240-01 Datasheet HTML 8Page - Peregrine Semiconductor 97240-01 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Page 4 of 21
©2010-2015 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-15214-7 │ UltraCMOS® RFIC Solutions
Product Specification
PE97240
Table 3. Absolute Maximum Ratings
Notes: 1. Human Body Model (MIL-STD-883 Method 3015).
2. Pin 28 is not used in normal operation.
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified.
Latch-Up Immunity
Unlike conventional CMOS devices, UltraCMOS
devices are immune to latch-up.
Table 2. Operating Ratings
Parameter/Condition
Symbol
Min
Max
Unit
Supply voltage
VDD
–0.3
3.3
V
Voltage on any input
VI
–0.3
VDD + 0.3
V
DC into any input
II
–10
+10
mA
DC into any output
IO
–10
+10
mA
Storage temperature range
TST
–65
+150
°C
ESD voltage HBM1
All pins except pin 28
1000
V
ESD voltage HBM1,2
On pin 28
300
V
VESD_HBM
Thermal resistance
TJC
33.4
°C/W
Junction temperature
TJ
+125
°C
RF input power, CW
50 MHz–5 GHz
PMAX_CW
10
dBm
Parameter/Condition
Symbol
Min
Max
Unit
Supply voltage
VDD
2.6
2.8
V
Operating ambient
temperature range
TA
–40
+85
C
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be
restricted to the limits in the Operating Ranges
table. Operation between operating range
maximum and absolute maximum for extended
periods may reduce reliability.
ELDRS
UltraCMOS devices do not include bipolar minority
carrier elements, and therefore do not exhibit
enhanced low dose rate sensitivity.
Table 4. Single Event Effects1
SEE Mode
Effective Linear Energy Transfer (LET)2
SEL
86 MeV
cm2/mg
SET
30 MeV
cm2/mg 3
SEFI
86 MeV
cm2/mg
SEU
86 MeV
cm2/mg
Notes: 1. Testing performed using serial programming mode.
2. SEE testing was conducted with Au, Ho, Xe, Kr, Cu ion species at 0°
incidence.
3. Minor transients (phase errors) observed resulting in self-recovering
operation without intervention.


Similar Part No. - 97240-01

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
972 WECO-972 Datasheet
80Kb / 1P
   PCB connector Screw connection
11.17
logo
3M Electronics
972-9-9561490 3M-972-9-9561490 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
logo
WECO ELECTRICAL CONNECT...
972-DS/02 WECO-972-DS/02 Datasheet
80Kb / 1P
   PCB connector Screw connection
11.17
972-DS/03 WECO-972-DS/03 Datasheet
80Kb / 1P
   PCB connector Screw connection
11.17
972-DS/04 WECO-972-DS/04 Datasheet
80Kb / 1P
   PCB connector Screw connection
11.17
More results

Similar Description - 97240-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE3238 PEREGRINE-PE3238 Datasheet
273Kb / 15P
   1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3335 PEREGRINE-PE3335 Datasheet
235Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3240 PEREGRINE-PE3240 Datasheet
235Kb / 12P
   2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3336 PEREGRINE-PE3336 Datasheet
233Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3236 PEREGRINE-PE3236 Datasheet
252Kb / 15P
   2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
logo
Asahi Kasei Microsystem...
AK1546 AKM-AK1546 Datasheet
676Kb / 39P
   3GHz Low Noise Integer-N Frequency Synthesizer
AK1545 AKM-AK1545 Datasheet
840Kb / 39P
   3.5GHz Low Noise Integer-N Frequency Synthesizer
AK1547 AKM-AK1547 Datasheet
679Kb / 37P
   4GHz Low Noise Integer-N Frequency Synthesizer
AK1548 AKM-AK1548 Datasheet
706Kb / 42P
   8GHz Low Noise Integer-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com