Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE97240 Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE97240
Description  Radiation Tolerant UltraCMOS Integer-N Frequency Synthesizer for Low Phase Noise Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE97240 Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE97240 Datasheet HTML 1Page - Peregrine Semiconductor PE97240 Datasheet HTML 2Page - Peregrine Semiconductor PE97240 Datasheet HTML 3Page - Peregrine Semiconductor PE97240 Datasheet HTML 4Page - Peregrine Semiconductor PE97240 Datasheet HTML 5Page - Peregrine Semiconductor PE97240 Datasheet HTML 6Page - Peregrine Semiconductor PE97240 Datasheet HTML 7Page - Peregrine Semiconductor PE97240 Datasheet HTML 8Page - Peregrine Semiconductor PE97240 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Document No. DOC-15214-7 │ www.e2v-us.com
Page 1 of 21
©2010-2015 Peregrine Semiconductor Corp. All rights reserved.
Peregrine’s PE97240 is a radiation tolerant high-
performance Integer-N PLL capable of frequency
synthesis up to 5 GHz. The device is designed for
commercial space applications and optimized for
superior phase noise performance.
The PE97240 features a selectable prescaler
modulus of 5/6 or 10/11, counters and a phase
comparator as shown in Figure 1. Counter values are
programmable through either a serial interface or
directly hard-wired.
The PE97240 is available in a 44-lead CQFP and is
manufactured on Peregrine’s UltraCMOS® process, a
patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering excellent
RF performance and intrinsic radiation tolerance.
Product Specification
Radiation Tolerant UltraCMOS®
Integer-N Frequency Synthesizer
for Low Phase Noise Applications
Product Description
PE97240
Features
 Frequency range

5 GHz in 10/11 prescaler modulus

4 GHz in 5/6 prescaler modulus
 Phase noise floor figure of merit:
–230 dBc/Hz
 Low power: 75 mA @ 2.7V
 Serial or direct mode access
 Packaged in a 44-lead CQFP
 100 kRad(Si) total dose
Figure 1. Functional Diagram
PE97240


Similar Part No. - PE97240

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9724 PASTERNACK-PE9724 Datasheet
254Kb / 3P
   Precision SMA Female to 3.5mm Male Adapter
More results

Similar Description - PE97240

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE3238 PEREGRINE-PE3238 Datasheet
273Kb / 15P
   1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3335 PEREGRINE-PE3335 Datasheet
235Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3240 PEREGRINE-PE3240 Datasheet
235Kb / 12P
   2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3336 PEREGRINE-PE3336 Datasheet
233Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3236 PEREGRINE-PE3236 Datasheet
252Kb / 15P
   2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
logo
Asahi Kasei Microsystem...
AK1546 AKM-AK1546 Datasheet
676Kb / 39P
   3GHz Low Noise Integer-N Frequency Synthesizer
AK1545 AKM-AK1545 Datasheet
840Kb / 39P
   3.5GHz Low Noise Integer-N Frequency Synthesizer
AK1547 AKM-AK1547 Datasheet
679Kb / 37P
   4GHz Low Noise Integer-N Frequency Synthesizer
AK1548 AKM-AK1548 Datasheet
706Kb / 42P
   8GHz Low Noise Integer-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com