Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE43713A-Z Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE43713A-Z
Description  UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43713A-Z Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE43713A-Z Datasheet HTML 1Page - Peregrine Semiconductor PE43713A-Z Datasheet HTML 2Page - Peregrine Semiconductor PE43713A-Z Datasheet HTML 3Page - Peregrine Semiconductor PE43713A-Z Datasheet HTML 4Page - Peregrine Semiconductor PE43713A-Z Datasheet HTML 5Page - Peregrine Semiconductor PE43713A-Z Datasheet HTML 6Page - Peregrine Semiconductor PE43713A-Z Datasheet HTML 7Page - Peregrine Semiconductor PE43713A-Z Datasheet HTML 8Page - Peregrine Semiconductor PE43713A-Z Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
PE43713
Product Specification
UltraCMOS® RF Digital Step Attenuator, 9 kHz–6 GHz
©2015, Peregrine Semiconductor Corporation. All rights reserved. • Headquarters: 9380 Carroll Park Drive, San Diego, CA, 92121
Product Specification
DOC-49614-1 – (3/2015)
www.psemi.com
Features
• Flexible attenuation steps of 0.25 dB, 0.5 dB and
1 dB up to 31.75 dB
• Glitch-less attenuation state transitions
• Monotonicity: 0.25 dB up to 4 GHz, 0.5 dB up to
5 GHz and 1 dB up to 6 GHz
• Extended +105 °C operating temperature
• Parallel and Serial programming interfaces with
Serial Addressability
• Packaging—32-lead 5 × 5 mm QFN
Applications
• Test and measurement (T&M)
• General purpose RF attenuator
Product Description
The PE43713 is a 50
Ω, HaRP™ technology-enhanced, 7-bit RF digital step attenuator (DSA) that supports a
broad frequency range from 9 kHz to 6 GHz. It features glitch-less attenuation state transitions, supports 1.8V
control voltage and includes an extended operating temperature range to +105 °C and optional VSS_EXT bypass
mode to improve spurious performance, making this device ideal for test and measurement (T&M).
The PE43713 is a pin-compatible upgraded version of the PE43703. An integrated digital control interface
supports both Serial Addressable and Parallel programming of the attenuation, including the capability to
program an initial attenuation state at power-up.
The PE43713 covers a 31.75 dB attenuation range in 0.25 dB, 0.5 dB and 1dB steps. It is capable of maintaining
0.25 dB monotonicity through 4 GHz, 0.50 dB monotonicity through 5 GHz and 1 dB monotonicity through 6
GHz. In addition, no external blocking capacitors are required if 0 VDC is present on the RF ports.
The PE43713 is manufactured on Peregrine’s UltraCMOS® process, a patented variation of silicon-on-insulator
(SOI) technology on a sapphire substrate.
Figure 1 • PE43713 Functional Diagram
×7
RF
Input
RF
Output
Control Logic Interface
Switched Attenuator Array
VSS_EXT
P/S
A0
A1
A2
Parallel
Control
Serial In
CLK
(optional)
LE


Similar Part No. - PE43713A-Z

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4371 PASTERNACK-PE4371 Datasheet
271Kb / 3P
   N Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400, .640 inch DD Hole
PE4371 PASTERNACK-PE4371 Datasheet
357Kb / 3P
   N Female Bulkhead Mount Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor
PE43711 PSEMI-PE43711 Datasheet
636Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43711A-Z PSEMI-PE43711A-Z Datasheet
636Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
More results

Similar Description - PE43713A-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43711 PSEMI-PE43711 Datasheet
636Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
PE43650 PSEMI-PE43650 Datasheet
590Kb / 17P
   50Ω RF Digital Step Attenuator 5-bit, 15.5 dB, 9 kHz–6 GHz
11/2021
PE4314 PSEMI-PE4314 Datasheet
1Mb / 27P
   UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
PE43704 PSEMI-PE43704_15 Datasheet
805Kb / 20P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional Vss Bypass Mode 9 kHz - 8 GHz
PE42553 PSEMI-PE42553 Datasheet
3Mb / 19P
   UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
   UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com