Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLPC05-2R2_-RC Datasheet(PDF) 1 Page - Allied Components International

Part # MLPC05-2R2_-RC
Description  Multilayer Power Chip Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MLPC05-2R2_-RC Datasheet(HTML) 1 Page - Allied Components International

  MLPC05-2R2_-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MLPC05 Multilayer Power Chip Inductor
MLPC05-R47_-RC
.47
M,T
3 MHz, 200mV
0.15
1100
Irms
Max.
(mA)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
(MHz)
DCR
Max.
(Ω)
RoHS
949-356-1780
ALLIED COMPONENTS INTERNATIONAL
www.alliedcomponents.com
Dimensions:
Inches
(mm)
MLPC05-2R2_-RC
2.2
M,T
3 MHz, 200mV
0.30
750
MLPC05-1R0_-RC
1.0
M,T
3 MHz, 200mV
0.20
950
All specifications subject to change without notice.
02/09/2016
Features
• 0603 EIA Size
• Multilayer Ferrite Construction
• High Current Capacity
Electrical
Inductance Range: .47µh ~ 2.2µh
Tolerance: Available as noted Insert
Test Frequency: (L) 1MHZ, 200mV
Operating Temp: -55ºC ~ 125ºC
Irms: Current at which the temp.
will rise by no more than 40ºC from
Resistance to Soldering Heat
Pre-heating: 150ºC, 1min
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temperature: 260 ± 5ºC
Test Equipment
(L):
HP4291A RF Impedance Analyzer
DCR: Chen Hwa 502 BC
IDC:
HP4284A with HP42841A /
Physical
Packaging: 4000 pieces per 7 inch reel.
Marking: None
letter for desired tolerance.
Immersion Time: 10 ± 1sec
HP4285A with HP42841A
• Excellent Solderability Characteristics
No Damage with more than 75% coverage
Inductance within 20 of initial value.
0.031±0.006
(0.8±0.15)
0.012±0.008
(0.3±0.20)
0.063±0.006
(1.6±0.15)
0.031±0.0059
(0.8±0.15)
*
*Insert letter for desired tolerance
. M=±20%, T=±30%
• Low DCR
ambient.
Isat: Current at which the inductance
will drop by no more than 30% if its
initial value without current.
400
Isat
Max.
(mA)
150
200
FERRITE
TERMINAL
ELECTRODE


Similar Part No. - MLPC05-2R2_-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLPC10 ALLIED-MLPC10 Datasheet
4Mb / 1P
   Multilayer Power Chip Inductor
MLPC10-1R0M-RC ALLIED-MLPC10-1R0M-RC Datasheet
4Mb / 1P
   Multilayer Power Chip Inductor
MLPC10-1R5M-RC ALLIED-MLPC10-1R5M-RC Datasheet
4Mb / 1P
   Multilayer Power Chip Inductor
MLPC10-4R7M-RC ALLIED-MLPC10-4R7M-RC Datasheet
4Mb / 1P
   Multilayer Power Chip Inductor
MLPC10-R47M-RC ALLIED-MLPC10-R47M-RC Datasheet
4Mb / 1P
   Multilayer Power Chip Inductor
More results

Similar Description - MLPC05-2R2_-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLPC10 ALLIED-MLPC10 Datasheet
4Mb / 1P
   Multilayer Power Chip Inductor
MLPCH15 ALLIED-MLPCH15 Datasheet
4Mb / 1P
   Multilayer Power Chip Inductor
MLPC15N6 ALLIED-MLPC15N6 Datasheet
8Mb / 1P
   Multilayer Power Chip Inductor
MLPC12 ALLIED-MLPC12 Datasheet
4Mb / 1P
   Multilayer Power Chip Inductor
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPN4R7MGCL MURATA-LQM2HPN4R7MGCL Datasheet
68Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
Abracon Corporation
ASMPH-0603 ABRACON-ASMPH-0603 Datasheet
794Kb / 3P
   SMD Multilayer Chip Power Inductor
02.11.13
ASMPH-1008 ABRACON-ASMPH-1008 Datasheet
973Kb / 3P
   SMD Multilayer Chip Power Inductor
02.12.13
ASMPH-0805 ABRACON-ASMPH-0805 Datasheet
956Kb / 3P
   SMD Multilayer Chip Power Inductor
02.12.13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com