Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK42723-01 Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # EK42723-01
Description  UltraCMOS SPDT RF Switch, 5-1794 MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK42723-01 Datasheet(HTML) 1 Page - Peregrine Semiconductor

  EK42723-01 Datasheet HTML 1Page - Peregrine Semiconductor EK42723-01 Datasheet HTML 2Page - Peregrine Semiconductor EK42723-01 Datasheet HTML 3Page - Peregrine Semiconductor EK42723-01 Datasheet HTML 4Page - Peregrine Semiconductor EK42723-01 Datasheet HTML 5Page - Peregrine Semiconductor EK42723-01 Datasheet HTML 6Page - Peregrine Semiconductor EK42723-01 Datasheet HTML 7Page - Peregrine Semiconductor EK42723-01 Datasheet HTML 8Page - Peregrine Semiconductor EK42723-01 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PE42723
Document Category: Product Specification
UltraCMOS® SPDT RF Switch, 5–1794 MHz
©2015–2016, Peregrine Semiconductor Corporation. All rights reserved. • Headquarters: 9380 Carroll Park Drive, San Diego, CA, 92121
Product Specification
DOC-64524-5 – (01/2016)
www.psemi.com
Features
• Supports DOCSIS 3.0/1 requirements
• Exceptional harmonics
▪ 2fo of –121 dBc @ 17 MHz
▪ 3fo of –140 dBc @ 17 MHz
• Best in class linearity across frequency band
• Low insertion loss and high isolation performance
▪ Insertion loss of 0.3 dB @ 1218 MHz
▪ Isolation of 54 dB @ 204 MHz
• High ESD performance of 3 kV HBM
• Packaging – 12-lead 3 × 3 × 0.75 mm QFN
Applications
• Broadband market (DOCSIS 3.0/1)
▪ Cable modem
▪ Set-top box
▪ Residential gateway
• Filter bank switching
• Relay replacement between DOCSIS 3.0 and
DOCSIS 3.1 configurations
Product Description
The PE42723 is a HaRP™ technology-enhanced reflective SPDT RF switch designed for use in cable applica-
tions including DOCSIS 3.0/1 cable modem, set-top box and residential gateway. It delivers high linearity and
excellent harmonics performance in the 5–1794 MHz band. It also features low insertion loss and high isolation
performance making the PE42723 ideal for DOCSIS 3.1 applications.
The PE42723 is manufactured on Peregrine’s UltraCMOS® process, a patented variation of silicon-on-insulator
(SOI) technology on a sapphire substrate, offering the performance of GaAs with the economy and integration of
conventional CMOS.
Figure 1 • PE42723 Functional Diagram
RFC
CMOS Control Driver
RF2
RF1
V1


Similar Part No. - EK42723-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK42721-02 PSEMI-EK42721-02 Datasheet
1Mb / 12P
   UltraCMOS짰 SPDT RF Switch 5??200 MHz
EK42722-01 PSEMI-EK42722-01 Datasheet
361Kb / 15P
   UltraCMOS SPDT RF Switch, 5-1794 MHz
EK42724-01 PSEMI-EK42724-01 Datasheet
490Kb / 12P
   SPDT RF Switch, 5??794 MHz
More results

Similar Description - EK42723-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42722 PSEMI-PE42722 Datasheet
361Kb / 15P
   UltraCMOS SPDT RF Switch, 5-1794 MHz
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
   SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
logo
Peregrine Semiconductor...
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
logo
Peregrine Semiconductor
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
   SPDT UltraCMOS RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com