Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42553 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE42553
Description  UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42553 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE42553 Datasheet HTML 1Page - Peregrine Semiconductor PE42553 Datasheet HTML 2Page - Peregrine Semiconductor PE42553 Datasheet HTML 3Page - Peregrine Semiconductor PE42553 Datasheet HTML 4Page - Peregrine Semiconductor PE42553 Datasheet HTML 5Page - Peregrine Semiconductor PE42553 Datasheet HTML 6Page - Peregrine Semiconductor PE42553 Datasheet HTML 7Page - Peregrine Semiconductor PE42553 Datasheet HTML 8Page - Peregrine Semiconductor PE42553 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PE42553
UltraCMOS® SPDT RF Switch
Page 2
DOC-62463-2 – (11/2014)
www.psemi.com
Peregrine’s HaRP technology enhancements deliver high linearity and excellent harmonics performance. It is an
innovative feature of the UltraCMOS process, offering the performance of GaAs with the economy and
integration of conventional CMOS.
Optional External VSS Control
For proper operation, the VSS_EXT control pin must be grounded or tied to the VSS voltage specified in Table 2.
When the VSS_EXT control pin is grounded, FETs in the switch are biased with an internal negative voltage
generator. For applications that require the lowest possible spur performance, VSS_EXT can be applied externally
to bypass the internal negative voltage generator.
Absolute Maximum Ratings
Exceeding absolute maximum ratings listed in Table 1 may cause permanent damage. Operation should be
restricted to the limits in Table 2. Operation between operating range maximum and absolute maximum for
extended periods may reduce reliability.
ESD Precautions
When handling this UltraCMOS device, observe the same precautions as with any other ESD-sensitive devices.
Although this device contains circuitry to protect it from damage due to ESD, precautions should be taken to
avoid exceeding the rating specified in Table 1.
Latch-up Immunity
Unlike conventional CMOS devices, UltraCMOS devices are immune to latch-up.
Table 1 • Absolute Maximum Ratings for PE42553
Parameter/Condition
Min
Max
Unit
Supply voltage, VDD
–0.3
5.5
V
Digital input voltage, CTRL
–0.3
3.6
V
LS input voltage
–0.3
3.6
V
RF input power, CW (RFC–RFX)(1)
9 kHz–10 MHz
>10 MHz–8 GHz
Fig. 2, Fig. 3
37
dBm
dBm
RF input power, pulsed (RFC–RFX)(2)
9 kHz–10 MHz
>10 MHz–8 GHz
Fig. 2, Fig. 3
Fig. 4, Fig. 5
dBm
dBm
RF input power into terminated ports, CW (RFX)(1)
9–800 kHz
>800 kHz–8 GHz
Fig. 2, Fig. 3
28
dBm
dBm
Storage temperature range
–65
+150
°C
ESD voltage HBM(3)
RF pins to GND
All pins
4000
2500
V
V


Similar Part No. - PE42553

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4255 PASTERNACK-PE4255 Datasheet
226Kb / 3P
   75 Ohm SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .285 inch D Hole
logo
Peregrine Semiconductor...
PE42551 PEREGRINE-PE42551 Datasheet
819Kb / 9P
   SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor
PE42551 PSEMI-PE42551 Datasheet
819Kb / 9P
   SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42551 PEREGRINE-PE42551 Datasheet
819Kb / 9P
   SPDT UltraCMOS
PE42551 PEREGRINE-PE42551_15 Datasheet
819Kb / 9P
   RF Switch
More results

Similar Description - PE42553

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
   UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42521 PSEMI-PE42521 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
logo
Teledyne Technologies I...
TDSW0602T TELEDYNE-TDSW0602T Datasheet
822Kb / 12P
   UltraCMOS® SPDT RF Switch, 9 kHz–60 GHz
Rev - 08/2019
logo
Peregrine Semiconductor
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42525 PSEMI-PE42525 Datasheet
274Kb / 13P
   SPDT RF Switch, 9 kHz??0 GHz
PE42546 PSEMI-PE42546 Datasheet
352Kb / 17P
   UltraCMOS® SP4T RF Switch, 9 kHz–52 GHz
05/2023
PE42545 PSEMI-PE42545 Datasheet
315Kb / 16P
   UltraCMOS® SP4T RF Switch, 9 kHz–67 GHz
07/2023
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com