Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK42542-02 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # EK42542-02
Description  UltraCMOS SP4T RF Switch 9 kHz-18 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK42542-02 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  EK42542-02 Datasheet HTML 1Page - Peregrine Semiconductor EK42542-02 Datasheet HTML 2Page - Peregrine Semiconductor EK42542-02 Datasheet HTML 3Page - Peregrine Semiconductor EK42542-02 Datasheet HTML 4Page - Peregrine Semiconductor EK42542-02 Datasheet HTML 5Page - Peregrine Semiconductor EK42542-02 Datasheet HTML 6Page - Peregrine Semiconductor EK42542-02 Datasheet HTML 7Page - Peregrine Semiconductor EK42542-02 Datasheet HTML 8Page - Peregrine Semiconductor EK42542-02 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Product Specification
PE42542
Page 2 of 14
Document No. DOC-12214-4
│ UltraCMOS® RFIC Solutions
©2013-2014 Peregrine Semiconductor Corp. All rights reserved.
Table 1. Electrical Specifications @ 25°C (ZS = ZL = 50Ω ), unless otherwise noted
Normal Mode
1: V
DD = 3.3V, VSS_EXT = 0V or Bypass Mode
2: V
DD = 3.4V, VSS_EXT = –3.4V
Parameter
Path
Condition
Min
Typ
Max
Unit
Operating frequency
9 k
18 G
Hz
Insertion loss
RFC–RFX
9 kHz–10 MHz
10–3000 MHz
3000–7500 MHz
7500–10000 MHz
10000–13500 MHz
13500–16000 MHz
16000–18000 MHz
0.70
1.10
1.50
1.75
2.10
2.50
3.10
0.90
1.40
1.95
2.20
2.40
2.80
4.10
dB
dB
dB
dB
dB
dB
dB
Isolation
RFX–RFX
9 kHz–10 MHz
10–3000 MHz
3000–7500 MHz
7500–10000 MHz
10000–13500 MHz
13500–16000 MHz
16000–18000 MHz
80
53
46
42
35
30
26
90
55
48
44
37
31
27
dB
dB
dB
dB
dB
dB
dB
Isolation
RFC–RFX
9 kHz–10 MHz
10–3000 MHz
3000–7500 MHz
7500–10000 MHz
10000–13500 MHz
13500–16000 MHz
16000–18000 MHz
80
54
41
36
31
27
24
90
55
42
38
33
29
26
dB
dB
dB
dB
dB
dB
dB
Return loss
(active and common port)
RFC–RFX
9 kHz–10 MHz
10–3000 MHz
3000–18000 MHz
25
15
13
dB
dB
dB
Return loss
(terminated port)
RFX
9 kHz–18000 MHz
16
dB
Input 0.1dB compression point
3
RFC–RFX
Fig. 4
dBm
Input IP2
RFC–RFX
10–18000 MHz
118
dBm
Input IP3
RFC–RFX
10–18000 MHz
58
dBm
Settling time
50% CTRL to 0.05 dB final value
7
10
µs
Switching time
50% CTRL to 90% or 10% of final value
3
4.5
µs
Notes: 1. Normal mode: connect VSS_EXT (pin 29) to GND (VSS_EXT = 0V) to enable internal negative voltage generator.
2. Bypass mode: use VSS_EXT (pin 29) to bypass and disable internal negative voltage generator.
3. The input 0.1dB compression point is a linearity figure of merit. Refer to Table 3 for the RF input power PMAX (50Ω).


Similar Part No. - EK42542-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
EK42540-03 PEREGRINE-EK42540-03 Datasheet
548Kb / 12P
   UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor
EK42543-02 PSEMI-EK42543-02 Datasheet
666Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
EK42545-01 PSEMI-EK42545-01 Datasheet
315Kb / 16P
   UltraCMOS® SP4T RF Switch, 9 kHz–67 GHz
07/2023
EK42545-88 PSEMI-EK42545-88 Datasheet
315Kb / 16P
   UltraCMOS® SP4T RF Switch, 9 kHz–67 GHz
07/2023
EK42546-88 PSEMI-EK42546-88 Datasheet
352Kb / 17P
   UltraCMOS® SP4T RF Switch, 9 kHz–52 GHz
05/2023
More results

Similar Description - EK42542-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42546 PSEMI-PE42546 Datasheet
352Kb / 17P
   UltraCMOS® SP4T RF Switch, 9 kHz–52 GHz
05/2023
PE42545 PSEMI-PE42545 Datasheet
315Kb / 16P
   UltraCMOS® SP4T RF Switch, 9 kHz–67 GHz
07/2023
PE42553 PSEMI-PE42553 Datasheet
3Mb / 19P
   UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
   UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42521 PSEMI-PE42521 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
logo
Teledyne Technologies I...
TDSW0602T TELEDYNE-TDSW0602T Datasheet
822Kb / 12P
   UltraCMOS® SPDT RF Switch, 9 kHz–60 GHz
Rev - 08/2019
logo
Peregrine Semiconductor
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42641 PEREGRINE-PE42641 Datasheet
306Kb / 9P
   SP4T UltraCMOS RF Switch DC - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com