Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR11-4160I Datasheet(PDF) 1 Page - Allied Components International

Part # AR11-4160I
Description  SINGLE PORT RJ45
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AR11-4160I Datasheet(HTML) 1 Page - Allied Components International

  AR11-4160I Datasheet HTML 1Page - Allied Components International AR11-4160I Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
01/09/2015
MECHANICAL
SINGLE PORT RJ45
AR11-4160I
Industrial Temp: -40ºC to +85ºC
Compliant to IEEE802.3at
Transmit open circuit inductance (OCL): 350uH (MIN)
RJ45 jack cavity conforms to FCC rules and regulations Part 68, SUB Part F
10/100 Base T For Ethernet and other Newtworking Applications
@ 100KHz,0.1Vrms with 8mA DC Bias
All specifications subject to change without notice.
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 0.1V
Turns Ratio
chip: cable
( ± 2%)
Cross Talk
(dB Min)
HI-POT
1.0mA (V)
With 8mA DC Bias
50MHz
100MHz without capacitance
AR11-4160I
350
1CT:1CT
-35
-30
1500 AC
with capacitance
2250 DC
Electrical Specifications @ 25°C
Part
Number
Insertion Loss
(dB Max)
Return Loss
(dB Min) @ Load 100 Ohm
CMR
(dB Min)
100-125 MHz (10/100/100) 1-30MHz
AR11-4160I
-1.2
-18
-30
1-100MHz
-1.0
60-80MHz
80-100MHz (10/100/1000)
-12
-10
30-50MHz
-16
30MHz
-40
0.5-10MHz
-50
1-100MHz
60MHz
-14


Similar Part No. - AR11-4160I

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR11-4161I ALLIED-AR11-4161I Datasheet
861Kb / 2P
   Single Port RJ45 Connector, 1000 Base-T for Ethernet Applications
More results

Similar Description - AR11-4160I

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR11-4390I ALLIED-AR11-4390I Datasheet
3Mb / 2P
   SINGLE PORT RJ45
AR11-3893I ALLIED-AR11-3893I Datasheet
1,009Kb / 2P
   SINGLE PORT RJ45
AR11-4009 ALLIED-AR11-4009 Datasheet
914Kb / 2P
   Single Port RJ45
AR11-3891 ALLIED-AR11-3891 Datasheet
481Kb / 2P
   SINGLE PORT RJ45
AR11-4064 ALLIED-AR11-4064 Datasheet
513Kb / 2P
   Single Port RJ45
AR11-4077I ALLIED-AR11-4077I Datasheet
634Kb / 2P
   SINGLE PORT RJ45
AR11-3960I ALLIED-AR11-3960I Datasheet
391Kb / 2P
   SINGLE PORT RJ45
AR11-4391I ALLIED-AR11-4391I Datasheet
1Mb / 2P
   SINGLE PORT RJ45
AR11-4456 ALLIED-AR11-4456 Datasheet
935Kb / 2P
   Single Port RJ45
AR11-4075 ALLIED-AR11-4075 Datasheet
533Kb / 2P
   Single Port RJ45
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com