Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK42020-02 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # EK42020-02
Description  UltraCMOS True DC RF Switch, 0 Hz??000 MHz
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK42020-02 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  EK42020-02 Datasheet HTML 1Page - Peregrine Semiconductor EK42020-02 Datasheet HTML 2Page - Peregrine Semiconductor EK42020-02 Datasheet HTML 3Page - Peregrine Semiconductor EK42020-02 Datasheet HTML 4Page - Peregrine Semiconductor EK42020-02 Datasheet HTML 5Page - Peregrine Semiconductor EK42020-02 Datasheet HTML 6Page - Peregrine Semiconductor EK42020-02 Datasheet HTML 7Page - Peregrine Semiconductor EK42020-02 Datasheet HTML 8Page - Peregrine Semiconductor EK42020-02 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
PE42020
UltraCMOS® True DC RF Switch
Page 2
DOC-23814-3 – (12/2014)
www.psemi.com
Absolute Maximum Ratings
Exceeding absolute maximum ratings listed in Table 1 may cause permanent damage. Operation should be
restricted to the limits in Table 2. Operation between operating range maximum and absolute maximum for
extended periods may reduce reliability.
ESD Precautions
When handling this UltraCMOS device, observe the same precautions as with any other ESD-sensitive devices.
Although this device contains circuitry to protect it from damage due to ESD, precautions should be taken to
avoid exceeding the rating specified in Table 1.
Latch-up Immunity
Unlike conventional CMOS devices, UltraCMOS devices are immune to latch-up.
Table 1 • Absolute Maximum Ratings for PE42020
Parameter/Condition
Min
Max
Unit
Positive supply voltage, VDD
10
17
V
Negative supply voltage, VSS
–17
–10
V
Digital input voltage (CTRL, LS, LZ)
–0.3
3.6
V
RF input power (RFC–RFX), 50
Ω
0–40 MHz
≥40–8000 MHz
Fig. 2Fig. 5
38
dBm
dBm
Storage temperature range
–65
+150
°C
ESD voltage HBM, all pins(1)
1000
V
ESD voltage MM, all pins(2)
150
V
ESD voltage CDM, all pins(3)
1000
V
Notes:
1) Human body model (MIL-STD 883 Method 3015).
2) Machine model (JEDEC JESD22-A115).
3) Charged device model (JEDEC JESD22-C101).


Similar Part No. - EK42020-02

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EK42 APEX-EK42 Datasheet
130Kb / 1P
   EVALUATION KIT FOR PB50/PB58 POWER BOOSTERS
logo
Peregrine Semiconductor
EK423422-01 PSEMI-EK423422-01 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
EK423641-01 PSEMI-EK423641-01 Datasheet
340Kb / 11P
   UltraCMOS SP4T RF Switch 50??000 MHz
EK42412-02 PSEMI-EK42412-02 Datasheet
1Mb / 25P
   SP12T RF Switch, 10 MHz?? GHz
EK42420-03 PSEMI-EK42420-03 Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
More results

Similar Description - EK42020-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
   UltraCMOS SP4T RF Switch 50??000 MHz
logo
Peregrine Semiconductor...
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
logo
Peregrine Semiconductor
PE4257 PSEMI-PE4257 Datasheet
300Kb / 7P
   SPDT Absorptive UltraCMOS DC??.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4245 PEREGRINE-PE4245_06 Datasheet
263Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com