Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4314 Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE4314
Description  UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4314 Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE4314 Datasheet HTML 1Page - Peregrine Semiconductor PE4314 Datasheet HTML 2Page - Peregrine Semiconductor PE4314 Datasheet HTML 3Page - Peregrine Semiconductor PE4314 Datasheet HTML 4Page - Peregrine Semiconductor PE4314 Datasheet HTML 5Page - Peregrine Semiconductor PE4314 Datasheet HTML 6Page - Peregrine Semiconductor PE4314 Datasheet HTML 7Page - Peregrine Semiconductor PE4314 Datasheet HTML 8Page - Peregrine Semiconductor PE4314 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
PE4314
Document Category: Product Specification
UltraCMOS® RF Digital Step Attenuator, 1 MHz–2.5 GHz
©2015–2016, Peregrine Semiconductor Corporation. All rights reserved. • Headquarters: 9380 Carroll Park Drive, San Diego, CA, 92121
Product Specification
DOC-67244-4 – (03/2016)
www.psemi.com
Features
• Attenuation step of 0.5 dB up to 31.5 dB
• Glitch-less attenuation state transitions
• Low distortion for CATV and multi-carrier applica-
tions
• Extended +105 °C operating temperature
• Parallel and Serial programming interfaces
• Packaging – 20-lead 4 × 4 × 0.85 mm QFN
Applications
• DOCSIS 3.1/0 customer premises equipment
(CPE) and infrastructure
• Satellite CPE and infrastructure
• Fiber CPE and infrastructure
Product Description
The PE4314 is a 75
Ω HaRP™ technology-enhanced, 6-bit RF digital step attenuator (DSA) that supports a
frequency range from 1 MHz to 2.5 GHz. It features glitch-less attenuation state transitions and supports 1.8V
control voltage and an extended operating temperature range up to +105 °C, making this device ideal for
multiple wired broadband applications.
The PE4314 is a pin-compatible upgraded version of the PE4304, PE4307, PE4308 and PE43404. An
integrated digital control interface supports both Serial and Parallel programming of the attenuation, including
the capability to program an initial attenuation state at power up.
The PE4314 covers a 31.5 dB attenuation range in a 0.5 dB step. It is capable of maintaining 0.5 dB monoto-
nicity through 2.5 GHz. In addition, no external blocking capacitors are required if 0 VDC is present on the RF
ports.
The PE4314 is manufactured on Peregrine’s UltraCMOS® process, a patented variation of silicon-on-insulator
(SOI) technology on a sapphire substrate.
Figure 1 • PE4314 Functional Diagram
6-bit
RF
Input
RF
Output
Control Logic Interface
Switched Attenuator Array
Parallel
Control
3-bit
Serial
Control
2-bit
Power-up
Control
P/S
VSS_EXT
(optional)


Similar Part No. - PE4314

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4314 PASTERNACK-PE4314 Datasheet
231Kb / 3P
   MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG59, RG62, .500 inch Threaded Hole Spacing
PE4314 PASTERNACK-PE4314 Datasheet
338Kb / 3P
   MHV Female Connector Clamp/Solder Attachment 4 Hole Flange Mount
logo
Peregrine Semiconductor
PE4314 PSEMI-PE4314 Datasheet
727Kb / 27P
   UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
PE4314B-Z PSEMI-PE4314B-Z Datasheet
727Kb / 27P
   UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
logo
Pasternack Enterprises,...
PE4314 PASTERNACK-PE4314_16 Datasheet
338Kb / 3P
   MHV Female Connector Clamp/Solder Attachment 4 Hole Flange Mount
More results

Similar Description - PE4314

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4314 PSEMI-PE4314_V01 Datasheet
727Kb / 27P
   UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
PE43711 PSEMI-PE43711 Datasheet
636Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43713 PSEMI-PE43713 Datasheet
659Kb / 31P
   UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43705 PSEMI-PE43705_15 Datasheet
711Kb / 18P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz - 8 GHz
PE4312MLBA-Z PSEMI-PE4312MLBA-Z Datasheet
730Kb / 13P
   UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
logo
HBH Microwave GmbH
HT1001_SMD HBH-HT1001_SMD Datasheet
18Kb / 1P
   1 - 1000 MHz 5-BIT Digital Attenuator
HT1001 HBH-HT1001 Datasheet
17Kb / 1P
   1 - 1000 MHz 5-BIT Digital Attenuator
logo
Peregrine Semiconductor
PE42424 PSEMI-PE42424 Datasheet
1Mb / 11P
   UltraCMOS SPDT RF Switch 100 MHz?? GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com