Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQF73-35-4400-06 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # MQF73-35-4400-06
Description  Nominal centre frequency fo: 73.35 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MQF73-35-4400-06 Datasheet(HTML) 1 Page - Vectron International, Inc

  MQF73-35-4400-06 Datasheet HTML 1Page - Vectron International, Inc MQF73-35-4400-06 Datasheet HTML 2Page - Vectron International, Inc MQF73-35-4400-06 Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
14 August 2007
Specification for monolithic crystal filter:
M Q F 7 3 . 3 5 - 4 4 0 0 / 0 6
1. General
1.1. Package:
1.2.
Type name:
MQF 73.35-4400/06
1.3.
Number of poles:
3
1.4.
Operating temperature range:
-30°C to +85°C
1.5. Storage temperature range:
-40°C to +85°C
time (s)
temperature (°C)
260°C max.
260
217
0
Reflow soldering: three times max.
max 300s
10,,,,,,30s
30,,,150s


Similar Part No. - MQF73-35-4400-06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF73-35-1500-02 VECTRON-MQF73-35-1500-02 Datasheet
288Kb / 3P
   Environment conditions: Corresponding to Vectron standard CF001
MQF73-35-1500-06 VECTRON-MQF73-35-1500-06 Datasheet
297Kb / 3P
   Environment conditions: Corresponding to Vectron CF001
MQF73-35-1600-01 VECTRON-MQF73-35-1600-01 Datasheet
148Kb / 1P
   Nominal centre frequency fo: 73.35 MHz
MQF73-35-2500-02 VECTRON-MQF73-35-2500-02 Datasheet
289Kb / 3P
   Environment conditions: Corresponding to Vectron standard CF001
MQF73-35-5000-06 VECTRON-MQF73-35-5000-06 Datasheet
167Kb / 1P
   Environment conditions: Corresponding to Vectron standard CF001
More results

Similar Description - MQF73-35-4400-06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF73-35-1600-01 VECTRON-MQF73-35-1600-01 Datasheet
148Kb / 1P
   Nominal centre frequency fo: 73.35 MHz
MQF21-4-3000-20 VECTRON-MQF21-4-3000-20 Datasheet
33Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-4000-19 VECTRON-MQF21-4-4000-19 Datasheet
115Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-5000-08 VECTRON-MQF21-4-5000-08 Datasheet
87Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-65-5000-03 VECTRON-MQF21-65-5000-03 Datasheet
33Kb / 1P
   Nominal centre frequency fo: 21.65 MHz
MQF40-5-3000-03 VECTRON-MQF40-5-3000-03 Datasheet
70Kb / 1P
   Nominal centre frequency fo: 40.025 MHz
MQF40-048-2000 VECTRON-MQF40-048-2000_02 Datasheet
168Kb / 1P
   Nominal centre frequency fo: 40.5 MHz
MQF42-0-1000-01 VECTRON-MQF42-0-1000-01 Datasheet
28Kb / 1P
   Nominal centre frequency fo: 42.0 MHz
MQF44-814-3000-04 VECTRON-MQF44-814-3000-04 Datasheet
59Kb / 1P
   Nominal centre frequency fo: 44.814 MHz
MQF45-0-0750-17 VECTRON-MQF45-0-0750-17 Datasheet
58Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com