Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP5521GM-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP5521GM-HF
Description  Fast Switching Performance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP5521GM-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP5521GM-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP5521GM-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP5521GM-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP5521GM-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP5521GM-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp. AP5521GM-HF_16 Datasheet HTML 6Page - Advanced Power Electronics Corp. AP5521GM-HF_16 Datasheet HTML 7Page - Advanced Power Electronics Corp. AP5521GM-HF_16 Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP5521GM-HF
P-CH Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-100
-
-
V
VGS=-10V, ID=-2A
-
125
160
m
VGS=-5V, ID=-1A
-
145
250
m
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-2
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-2A
-
8
-
S
IDSS
Drain-Source Leakage Current
VDS=-80V, VGS=0V
-
-
-10
uA
IGSS
Gate-Source Leakage
VGS=+20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
ID=-2A
-
14
22.5
nC
Qgs
Gate-Source Charge
VDS=-50V
-
4
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
7
-
nC
td(on)
Turn-on Delay Time
VDS=-50V
-
10
-
ns
tr
Rise Time
ID=-1A
-
5
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω
-
50
-
ns
tf
Fall Time
VGS=-10V
-
21
-
ns
Ciss
Input Capacitance
VGS=0V
-
1400
2240
pF
Coss
Output Capacitance
VDS=-15V
-
135
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
90
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=-1.5A, VGS=0V
-
-
-1.3
V
trr
Reverse Recovery Time
IS=-2A, VGS=0V
-
40
-
ns
Qrr
Reverse Recovery Charge
dI/dt=-100A/µs
-
80
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
3.Surface mounted on 1 in
2 copper pad of FR4 board, t <10sec ; 135 ℃/W when mounted on Min. copper pad.
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
3
RDS(ON)
Static Drain-Source On-Resistance
2


Similar Part No. - AP5521GM-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP5521GM-HF A-POWER-AP5521GM-HF_14 Datasheet
125Kb / 7P
   Simple Drive Requirement
More results

Similar Description - AP5521GM-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9408AGI A-POWER-AP9408AGI_14 Datasheet
158Kb / 5P
   Fast Switching Performance
AP90T03GI A-POWER-AP90T03GI_14 Datasheet
157Kb / 5P
   Fast Switching Performance
AP2344GN-HF A-POWER-AP2344GN-HF_14 Datasheet
55Kb / 4P
   Fast Switching Performance
AP4813GSM-HF A-POWER-AP4813GSM-HF_16 Datasheet
56Kb / 5P
   Fast Switching Performance
AP4513GM-HF A-POWER-AP4513GM-HF_16 Datasheet
87Kb / 8P
   Fast Switching Performance
AP4503GM-HF A-POWER-AP4503GM-HF_16 Datasheet
96Kb / 8P
   Fast Switching Performance
AP4506GEH-HF A-POWER-AP4506GEH-HF_16 Datasheet
87Kb / 8P
   Fast Switching Performance
AP6942GMT-HF A-POWER-AP6942GMT-HF_16 Datasheet
94Kb / 8P
   Fast Switching Performance
AP4537GYT-HF A-POWER-AP4537GYT-HF_16 Datasheet
129Kb / 8P
   Fast Switching Performance
AP9412GI-HF A-POWER-AP9412GI-HF Datasheet
67Kb / 5P
   Fast Switching Performance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com