Electronic Components Datasheet Search |
|
IDT71V802S150BGI Datasheet(PDF) 1 Page - Integrated Device Technology |
|
IDT71V802S150BGI Datasheet(HTML) 1 Page - Integrated Device Technology |
1 / 22 page DECEMBER 2003 DSC-5311/07 1 ©2002 Integrated Device Technology, Inc. A0-A18 Address Inputs Input Synchronous CE Chip Enable Input Synchronous CS0, CS1 Chip Selects Input Synchronous OE Output Enable Input Asynchronous GW Global Write Enable Input Synchronous BWE Byte Write Enable Input Synchronous BW1, BW2, BW3, BW4(1) Individual Byte Write Selects Input Synchronous CLK Clock Input N/A ADV Burst Address Advance Input Synchronous ADSC Address Status (Cache Controller) Input Synchronous ADSP Address Status (Processor) Input Synchronous LBO Linear / Interleaved Burst Order Input DC ZZ Sleep Mode Input Asynchronous I/O0-I/O31, I/OP1-I/OP4 Data Input / Output I/O Synchronous VDD, VDDQ Core Power, I/O Power Supply N/A VSS Ground Supply N/A 5311 tbl 01 Features x x x x x 256K x 36, 512K x 18 memory configurations x x x x x Supports high system speed: – 166MHz 3.5ns clock access time – 150MHz 3.8ns clock access time – 133MHz 4.2ns clock access time x x x x x LBO LBO LBO LBO LBO input selects interleaved or linear burst mode x x x x x Self-timed write cycle with global write control ( GW GW GW GW GW), byte write enable ( BWE BWE BWE BWE BWE), and byte writes (BW BW BW BW BWx) x x x x x 3.3V core power supply x x x x x Power down controlled by ZZ input x x x x x 2.5V I/O supply (VDDQ) x x x x x Packaged in a JEDEC Standard 100-pin plastic thin quad flatpack (TQFP), 119 ball grid array (BGA) and 165 fine pitch ball grid array. Pin Description Summary NOTE: 1. BW3 and BW4 are not applicable for the IDT71V67802. 256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect IDT71V67602 IDT71V67802 Description The IDT71V67602/7802 are high-speed SRAMs organized as 256K x 36/512K x 18. The IDT71V676/78 SRAMs contain write, data, addressandcontrolregisters. InternallogicallowstheSRAMtogenerate a self-timed write based upon a decision which can be left until the end of the write cycle. The burst mode feature offers the highest level of performance to the system designer, as the IDT71V67602/7802 can provide four cycles of dataforasingleaddresspresentedtotheSRAM. Aninternalburstaddress counter accepts the first cycle address from the processor, initiating the access sequence. The first cycle of output data will be pipelined for one cycle before it is available on the next rising clock edge. If burst mode operationisselected( ADV=LOW),thesubsequentthreecyclesofoutput data will be available to the user on the next three rising clock edges. The order of these three addresses are defined by the internal burst counter and the LBO input pin. TheIDT71V67602/7802SRAMsutilizeIDT’slatesthigh-performance CMOS process and are packaged in a JEDEC standard 14mm x 20mm 100-pin thin plastic quad flatpack (TQFP) as well as a 119 ball grid array (BGA) and 165 fine pitch ball grid array (fBGA). |
Similar Part No. - IDT71V802S150BGI |
|
Similar Description - IDT71V802S150BGI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |