Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELG6-1860P523 Datasheet(PDF) 3 Page - SICK AG

Part # ELG6-1860P523
Description  SWITCHING AUTOMATION LIGHT GRIDS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

ELG6-1860P523 Datasheet(HTML) 3 Page - SICK AG

  ELG6-1860P523 Datasheet HTML 1Page - SICK AG ELG6-1860P523 Datasheet HTML 2Page - SICK AG ELG6-1860P523 Datasheet HTML 3Page - SICK AG ELG6-1860P523 Datasheet HTML 4Page - SICK AG ELG6-1860P523 Datasheet HTML 5Page - SICK AG ELG6-1860P523 Datasheet HTML 6Page - SICK AG ELG6-1860P523 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELG6-1860P523 | ELG
SWITCHING AUTOMATION LIGHT GRIDS
2016-03-09 17:40:10 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
3
Output load inductive
1 H
Initialization time
1 s
Dimensions (W x H x D)
34 mm x 1,936 mm x 29 mm
Housing material
Aluminum
Indication
LED
Synchronization
Optical
Enclosure rating
IP 65
Circuit protection
UV connections, reverse polarity protected, Output Q short-circuit protected, Interference pulse
suppression
Weight
≥ 4,800 g
Switching frequency
250 kHz
Front screen
PMMA
Output mode
Q dark switching 2)
1) Typical value.
2) Q = active, if at least one beam is interrupted, /Q = active, if all of the beams are free.
Ambient data
Protection class
III
EMC
EN 60947-5-2
Ambient temperature
Operation: –25 °C ... +55 °C
Storage: –40 °C ... +70 °C
Ambient light immunity
Indirect: ≤ 150,000 lx 1)
Vibration resistance
5 g, 10 Hz ... 55 Hz (IEC 68-2-6)
Shock load
10 g / DIN EN 60068-2-29 / 16 ms
1) Sunlight.


Similar Part No. - ELG6-1860P523

ManufacturerPart #DatasheetDescription
logo
SICK AG
ELG6-1860P521 SICK-ELG6-1860P521 Datasheet
488Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
More results

Similar Description - ELG6-1860P523

ManufacturerPart #DatasheetDescription
logo
SICK AG
SPL-F280PPS2W04 SICK-SPL-F280PPS2W04 Datasheet
454Kb / 8P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG1-0150N533 SICK-ELG1-0150N533 Datasheet
508Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0150P513 SICK-ELG3-0150P513 Datasheet
511Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0210P511 SICK-ELG3-0210P511 Datasheet
511Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0450P521 SICK-ELG3-0450P521 Datasheet
488Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0450P561 SICK-ELG3-0450P561 Datasheet
488Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
FLG4-20012021 SICK-FLG4-20012021 Datasheet
364Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
FLG2-20018011 SICK-FLG2-20018011 Datasheet
364Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
SAS4-F028P3PS1T00 SICK-SAS4-F028P3PS1T00 Datasheet
563Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
SAS4-S012N3PS1T00 SICK-SAS4-S012N3PS1T00 Datasheet
564Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
SAS4-S060P3PS1W00 SICK-SAS4-S060P3PS1W00 Datasheet
564Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com