Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54526FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M54526FP
Description  7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54526FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M54526FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54526FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54526FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54526FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Aug. 1999
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54526P/FP
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
DC Amplification Factor
Collector Current Characteristics
Collector current Ic (mA)
101
103
VCE = 4V
Ta = 25°C
Ta = 75°C
Ta = –20°C
5
3
2
7
5
3
2
7
104
103
102
23
5 7
23
5
7
102
Input Characteristics
Input voltage VI (V)
0
1
Ta = 25°C
Ta = 75°C
Ta = –20°C
2
3
4
0
5
101520
25
Clamping Diode Characteristics
Ta = 25°C
Ta = 75°C
Ta = –20°C
Grounded Emitter Transfer Characteristics
Input voltage VI (V)
0
Ta = 75°C
Ta = 25°C
Ta = –20°C
100
200
300
400
500
0
12
3
4
Forward bias voltage VF (V)
0
100
200
300
400
500
0
0.5
1.0
1.5
2.0


Similar Part No. - M54526FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54521P MITSUBISHI-M54521P Datasheet
98Kb / 3P
   5-UNIT 500MA DARLINGTON TRANSISTOR ARRAY
M54522FP MITSUBISHI-M54522FP Datasheet
112Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54522FP MITSUBISHI-M54522FP Datasheet
250Kb / 6P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SINK TYPE
M54522FP MITSUBISHI-M54522FP Datasheet
120Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54522P MITSUBISHI-M54522P Datasheet
112Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results

Similar Description - M54526FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63823P MITSUBISHI-M63823P Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63828WP MITSUBISHI-M63828WP Datasheet
72Kb / 6P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54525P MITSUBISHI-M54525P Datasheet
450Kb / 3P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54524P MITSUBISHI-M54524P Datasheet
108Kb / 3P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54525AGP MITSUBISHI-M54525AGP Datasheet
65Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54523P MITSUBISHI-M54523P Datasheet
47Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63827WP MITSUBISHI-M63827WP Datasheet
72Kb / 6P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63824GP MITSUBISHI-M63824GP Datasheet
43Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63826P MITSUBISHI-M63826P Datasheet
76Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63800FP MITSUBISHI-M63800FP Datasheet
68Kb / 4P
   7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com