Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5991-01 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # S5991-01
Description  POSITION SENSITIVE DETECTOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S5991-01 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button S5991-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers S5991-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers S5991-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers S5991-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers S5991-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers S5991-01 Datasheet HTML 11Page - List of Unclassifed Manufacturers S5991-01 Datasheet HTML 12Page - List of Unclassifed Manufacturers S5991-01 Datasheet HTML 13Page - List of Unclassifed Manufacturers S5991-01 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
7
Figure 4-2 shows the photocurrent output example from
electrodes of a one-dimensional PSD with a resistance
length of 3 mm (S4583-04, etc.), measured when a light
beam is scanned over the active surface. The position de-
tection error estimated from the obtained data is also
shown in the lower graph.
The light beam position can be detected over the entire ac-
tive area of PSD. However, if part of the light beam strikes
outside the active area, a positional shift in the center-of-
gravity occurs between the entire light beam and the light
spot falling within the active area, making the position
measurement unreliable. It is therefore necessary to select
a PSD whose active area matches the incident spot light.
Figure 4-1 Cross section of PSD
KPSDB0005EA
Figure 4-2 Photocurrent output example of one-
dimensional PSD (S4583-04, etc.)
Position detection error example of one-
dimensional PSD (S4583-04, etc)
Specific area for position detection error
KPSDC0071EA
Position detection capability is the most important charac-
teristic of a PSD. The position of a spot light incident on the
PSD surface can be measured by making calculations
based on the photocurrent extracted from each electrode.
The position obtained here with the PSD is the center-of-
gravity of the spot light, and is independent of the spot light
size, shape and intensity.
However, the calculated position usually varies slightly in
each PSD from the actual position of the incident light. This
difference is referred to as the “position detection error” and
is explained below.
If a light beam strikes the electrical center of a PSD, the
signal currents extracted from the output electrodes are
equal. When this electrical center is viewed as the origin,
the position detection error is defined as the difference be-
tween the position at which the light is actually incident on
the PSD and the position calculated from the PSD outputs.
Characteristic and use
4. Position detection error
KPSDC0073EA
Figure 4-3 Center-of-gravity of incident spot light
In Figure 4-1 above, if the actual position of incident light
is Xi and the position calculated by the photocurrents
(IX1 and IX2) from electrodes X1 and X2 is Xm, then the
difference in distance between Xi and Xm is defined as
the position detection error as calculated below.
Position detection error E = Xi - Xm [µm] ........ (4-1)
Xi : Actual position of incident light (µm)
Xm: Calculated position of incident light (µm)
The position detection error is measured under the follow-
ing conditions.
· Light source
:
λ=890 nm
· Spot light size
:
φ200 µm
· Total photocurrent: 10 µA
· Reverse voltage
: Specified value (listed in data sheets)
Xm =
.
IX2 - IX1
IX1 + IX2
LX
2
........ (4-2)
POSITION ON PSD (mm)
+1.5
0
-1.5
0
0.5
1.0
IX2
IX1
+50
0
-50
-1.5
-1.0
-0.5
+0.5
+1.0
0
+1.5
POSITION ON PSD (mm)
OUTPUT
ELECTRODE X1
OUTPUT
ELECTRODE X2
CENTER-OF-GRAVITY
OF SPOT LIGHT FALLING
WITHIN ACTIVE AREA
CENTER-OF-GRAVITY
OF ENTIRE SPOT LIGHT
SPOT
LIGHT
ACTIVE
AREA
COMMON ELECTRODE
RESISTANCE LENGTH LX
SPOT
LIGHT
Xm
Xi
X1
X2
CALCULATED POSITION Xm
ACTUAL POSITION Xi
ELECTRICAL
CENTER B
N LAYER
I LAYER
P-TYPE
RESISTIVE LAYER


Similar Part No. - S5991-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S5991-01 HAMAMATSU-S5991-01 Datasheet
143Kb / 2P
   Two-dimensional PSD Improved tetra-lateral type for surface mounting
More results

Similar Description - S5991-01

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD_15 Datasheet
508Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR
IC-OD ICHAUS-IC-OD_10 Datasheet
578Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD Datasheet
302Kb / 9P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
logo
Sharp Corporation
PD3151F SHARP-PD3151F Datasheet
37Kb / 3P
   Position Sensitive Detector with Location Hole (PSD *)
logo
KODENSHI_AUK CORP.
KSD402 KODENSHI-KSD402 Datasheet
201Kb / 2P
   Position Sensitive Diodes
SD-402 KODENSHI-SD-402 Datasheet
195Kb / 2P
   Position Sensitive Diodes
SD-503 KODENSHI-SD-503 Datasheet
230Kb / 2P
   Position Sensitive Diodes
SD-101 KODENSHI-SD-101 Datasheet
241Kb / 2P
   Position Sensitive Diodes
SD-112S KODENSHI-SD-112S Datasheet
246Kb / 2P
   Position Sensitive Diodes
SD-201 KODENSHI-SD-201 Datasheet
239Kb / 2P
   Position Sensitive Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com