Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1940EFE Datasheet(PDF) 5 Page - Linear Technology

Part # LT1940EFE
Description  Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1940EFE Datasheet(HTML) 5 Page - Linear Technology

  LT1940EFE Datasheet HTML 1Page - Linear Technology LT1940EFE Datasheet HTML 2Page - Linear Technology LT1940EFE Datasheet HTML 3Page - Linear Technology LT1940EFE Datasheet HTML 4Page - Linear Technology LT1940EFE Datasheet HTML 5Page - Linear Technology LT1940EFE Datasheet HTML 6Page - Linear Technology LT1940EFE Datasheet HTML 7Page - Linear Technology LT1940EFE Datasheet HTML 8Page - Linear Technology LT1940EFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT1940
5
1940i
PI FU CTIO S
BOOST1, BOOST2 (Pins 1, 8): The BOOST pins are used
to provide drive voltages, higher than the input voltage, to
the internal bipolar NPN power switches.Tie through a
diode from VOUT or from VIN.
SW1, SW2 (Pins 2, 7): The SW pins are the outputs of the
internal power switches. Connect these pins to the induc-
tors, catch diodes and boost capacitors.
VIN (Pins 3, 4, 5, 6): The VIN pins supply current to the
LT1940’s internal regulator and to the internal power
switches. These pins must be tied to the same source, and
must be locally bypassed.
FB1, FB2 (Pins 9, 16): The LT1940 regulates each feed-
back pin to 1.25V. Connect the feedback resistor divider
taps to these pins.
VC1, VC2 (Pins 10, 15): The VC pins are the outputs of the
internal error amps. The voltages on these pins control the
peak switch currents. These pins are normally used to
compensate the control loops, but can also be used to
override the loops. Pull these pins to ground with an open
drain to shut down each switching regulator.
PG1, PG2 (Pins 11, 14): The Power Good pins are the
open collector outputs of an internal comparator. PG
remains low until the FB pin is within 10% of the final
regulation voltage. As well as indicating output regulation,
the PG pins can be used to sequence the two switching
regulators. These pins can be left unconnected. The PG
outputs are valid when VIN is greater than 2.4V and either
of the RUN/SS pins is high. The PG comparators are
disabled in shutdown.
RUN/SS1, RUN/SS2 (Pins 12, 13): The RUN/SS pins are
use to shut down the individual switching regulators and
the internal bias circuits. They also provide a soft-start
function. To shut down either regulator, pull the RUN/SS
pin to ground with an open drain or collector. Tie a
capacitor from these pins to ground to limit switch current
during start-up. If neither feature is used, leave these pins
unconnected.
GND (Underside Metal): The underside exposed pad
metal of the package provides both electrical contact to
ground and good thermal contact to the printed circuit
board. The underside must be soldered to the circuit
board for proper operation.


Similar Part No. - LT1940EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1940 LINER-LT1940 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1940 LINER-LT1940 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
logo
Linear Dimensions Semic...
LT1940LEFE LINEAR_DIMENSIONS-LT1940LEFE Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Linear Technology
LT1940L LINER-LT1940L_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
More results

Similar Description - LT1940EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Linear Dimensions Semic...
LT1940LEFE LINEAR_DIMENSIONS-LT1940LEFE Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Linear Technology
LT1940L LINER-LT1940L_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506 LINER-LT3506 Datasheet
679Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com