Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR21-3952I Datasheet(PDF) 1 Page - Allied Components International

Part # AR21-3952I
Description  2X1 DUAL PORT RJ45 CONNECTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AR21-3952I Datasheet(HTML) 1 Page - Allied Components International

  AR21-3952I Datasheet HTML 1Page - Allied Components International AR21-3952I Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
02/11/16
All specifications subject to change without notice.
MECHANICAL
2X1 DUAL PORT RJ45 CONNECTOR
AR21-3952I
10/100 Base-T Ethernet Application
Impedance: 100OHMS
Transmit open circuit inductance (OCL): 350uH (MIN) @100KHz,0.1VRMS with 8mA DC Bias
RJ45 jack cavity conforms to FCC rules and regulations Part 68, SUB Part F
Storage temperature range: -40ºC to +85ºC
Standard operating temp: -40ºC to +85ºC
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 0.1V
Turns Ratio
chip: cable
(
±3%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
0.3-100MHz
1-30MHz
30-60MHz
AR21-3952I
350
1CT:1CT
1.0
-20
-15
60-80MHz
-10
Electrical Specifications @ 25°C
Part
Number
Cross Talk
(dB Min)
CMR
(dB Min)
HI-POT
(Vrms)
1-100MHz
AR21-3952I
-30
1500
1-100MHz
-30
Min


Similar Part No. - AR21-3952I

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR21-3977 ALLIED-AR21-3977 Datasheet
639Kb / 2P
   Dual Port RJ45 Connector
More results

Similar Description - AR21-3952I

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR21-3697I ALLIED-AR21-3697I Datasheet
620Kb / 2P
   2X1 Dual Port RJ45 Connector
AR21-3703 ALLIED-AR21-3703 Datasheet
521Kb / 2P
   2X1 Dual Port RJ45 Connector
AR21-4428I ALLIED-AR21-4428I Datasheet
758Kb / 2P
   2X1 Dual Port RJ45 Connector
AR21-3688I ALLIED-AR21-3688I Datasheet
873Kb / 2P
   2X1 Dual Port RJ45 Connector
AR21-3703I ALLIED-AR21-3703I Datasheet
530Kb / 2P
   2X1 Dual Port RJ45 Connector
AR21-3775 ALLIED-AR21-3775 Datasheet
508Kb / 2P
   2X1 Dual Port RJ45 Connector
AR21-4538I ALLIED-AR21-4538I Datasheet
989Kb / 3P
   2X1 Dual Port RJ45 Connector
AR21-3694I ALLIED-AR21-3694I Datasheet
452Kb / 2P
   2X1 Dual Port RJ45 Connector
AR21-3787 ALLIED-AR21-3787 Datasheet
778Kb / 2P
   2X1 Dual Port RJ45 Connector
AR21-4532 ALLIED-AR21-4532 Datasheet
893Kb / 2P
   2X1 Dual Port RJ45 Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com