Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C56AMFN Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-93C56AMFN
Description  CMOS SERIAL E2PROM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C56AMFN Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-93C56AMFN Datasheet HTML 2Page - Seiko Instruments Inc S-93C56AMFN Datasheet HTML 3Page - Seiko Instruments Inc S-93C56AMFN Datasheet HTML 4Page - Seiko Instruments Inc S-93C56AMFN Datasheet HTML 5Page - Seiko Instruments Inc S-93C56AMFN Datasheet HTML 6Page - Seiko Instruments Inc S-93C56AMFN Datasheet HTML 7Page - Seiko Instruments Inc S-93C56AMFN Datasheet HTML 8Page - Seiko Instruments Inc S-93C56AMFN Datasheet HTML 9Page - Seiko Instruments Inc S-93C56AMFN Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
CMOS SERIAL E
2PROM
S-93C46A/56A/66A
Seiko Instruments Inc.
5
n
AC Electrical Characteristics
Table 9
Input pulse voltage
0.1
×V
CC to 0.9
×V
CC
Output reference voltage
0.5
×V
CC
Output load
100pF
Table 10
Parameter
Smbl
VCC=4.5 to 5.5V
VCC=2.5 to 4.5 V
VCC=1.8 to 2.5V
Unit
Min. Typ. Max. Min.
Typ. Max. Min.
Typ. Max.
CS setup time
tCSS
0.2
0.4
1.0
µs
CS hold time
tCSH
0
0
0
µs
CS deselect time
tCDS
0.2
0.2
0.4
µs
Data setup time
tDS
0.1
0.2
0.4
µs
Data hold time
tDH
0.1
0.2
0.4
µs
Output delay
tPD
0.4
1.0
2.0
µs
Clock frequency
fSK
0
2.0
0
0.5
0.25 MHz
Clock pulse width
tSKH, tSKL
0.25
1.0
2.0
µs
Output disable time
tHZ1, tHZ2
0
0.15
0
0.5
0
1.0
µs
Output enable time
tSV
0
0.15
0
0.5
0
1.0
µs
Programming time
tPR
4.0
10.0
4.0
10.0
4.0
10.0
ms
Figure 3 Read Timing
tSKH
tCDS
tCSS
CS
Valid data
Valid data
DI
tSKL
SK
tSV
tHZ2
tCSH
tHZ1
tPD
tPD
tDS
tDH
tDS
tDH
Hi-Z
Hi-Z
Hi-Z
DO
DO
(READ)
(VERIFY)
Hi-Z


Similar Part No. - S-93C56AMFN

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C56B SII-S-93C56B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93C56B SII-S-93C56B Datasheet
463Kb / 50P
   3-WIRE SERIAL E2PROM
S-93C56B SII-S-93C56B Datasheet
1Mb / 34P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C56BD0H-D8S1G SII-S-93C56BD0H-D8S1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93C56BD0H-I8T1G SII-S-93C56BD0H-I8T1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
More results

Similar Description - S-93C56AMFN

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C76A SII-S-93C76A Datasheet
387Kb / 33P
   CMOS SERIAL E2PROM
S-93C46B SII-S-93C46B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93C86B SII-S-93C86B Datasheet
433Kb / 34P
   CMOS SERIAL E2PROM
S-93A86A SII-S-93A86A Datasheet
307Kb / 29P
   CMOS SERIAL E2PROM
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
S-24CS01A SII-S-24CS01A Datasheet
683Kb / 47P
   2-WIRE CMOS SERIAL E2PROM
S-24CS16A0I-T8T1G SII-S-24CS16A0I-T8T1G Datasheet
579Kb / 46P
   2-WIRE CMOS SERIAL E2PROM
S-24C02BPPHL SII-S-24C02BPPHL Datasheet
359Kb / 39P
   2-WIRE CMOS SERIAL E2PROM
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com