Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTRD-1C-12S-1-X Datasheet(PDF) 2 Page - Picker Components

Part # PTRD-1C-12S-1-X
Description  40 Amp Power PCB Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PTRD-1C-12S-1-X Datasheet(HTML) 2 Page - Picker Components

  PTRD-1C-12S-1-X Datasheet HTML 1Page - Picker Components PTRD-1C-12S-1-X Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PTRD Rev D 5/21/15
2 of 2
PTRD
PTRD
COIL DATA 
Coil Voltage
Coil Power (W)
Coil Power (W)
Must Release
Voltage Min
(VDC)
Rated
Max
0.6 W
0.9 W
1.1 W
0.6 W & 0.9 W
1.1 W
3
3.9
15
10
——-
2.25
——-
0.3
5
6.5
42
28
——-
3.75
——-
0.5
6
7.8
60
40
33
4.50
4.8
0.6
9
11.7
135
90
——-
6.75
——-
0.9
12
15.6
240
150
131
9.00
9.6
1.2
15
19.5
375
260
——-
10.25
——-
1.5
18
23.4
540
380
——-
13.50
——-
1.8
24
31.2
960
640
524
18.00
19.2
2.4
48
62.4
3840
2560
2095
36.00
38.4
4.8
110
143
20167
13445
——-
82.50
——-
11.0
Resistance (Ohms ± 10%)
Must Operate Voltage Max (VDC)
28
36.4
1307
871
713
21.0
22.4
2.8
 
 
 
 
5 mm SPDT 12 Amp 
3.5 mm SPDT 12 Amp 
 
 
DIMENSIONS (mm/inches)
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays. Must Operate Voltage is listed for test purposes only and is
not to be used as design criteria. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
Dimensions are in mm, Inches are listed for reference only.
Available with Pin 6 UL508 or Without Pin 6 UL873 (‐1) 
Knock off, on top corner, nib for ventilation after soldering and water wash. 
(‐1) 


Similar Part No. - PTRD-1C-12S-1-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRD-OT PICKER-PTRD-OT Datasheet
269Kb / 2P
   40 Amp Power PCB Relay
PTRD-OT PICKER-PTRD-OT_16 Datasheet
1Mb / 3P
   40 Amp Power PCB Relay PTRD-OT
PTRD-OT PICKER-PTRD-OT_17 Datasheet
1Mb / 4P
   40 Amp Power PCB Relay
PTRD-T PICKER-PTRD-T_14 Datasheet
176Kb / 2P
   40 AMP Panel Mount or PCB Power Relay
PTRD-T PICKER-PTRD-T_15 Datasheet
273Kb / 2P
   40 Amp Power PCB Relay
More results

Similar Description - PTRD-1C-12S-1-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRD PICKER-PTRD_17 Datasheet
3Mb / 3P
   40 Amp Power PCB Relay
PTRD-OT PICKER-PTRD-OT Datasheet
269Kb / 2P
   40 Amp Power PCB Relay
PTRD PICKER-PTRD_14 Datasheet
121Kb / 2P
   40 AMP Power PCB Relay
PTRD-T PICKER-PTRD-T_15 Datasheet
273Kb / 2P
   40 Amp Power PCB Relay
PTRD-OT PICKER-PTRD-OT_17 Datasheet
1Mb / 4P
   40 Amp Power PCB Relay
PTRD-T PICKER-PTRD-T_17 Datasheet
1Mb / 4P
   40 Amp Power PCB Relay
PTRD-OT PICKER-PTRD-OT_16 Datasheet
1Mb / 3P
   40 Amp Power PCB Relay PTRD-OT
PC740 PICKER-PC740_16 Datasheet
643Kb / 4P
   40 Amp Power Relay
PC740 PICKER-PC740_17 Datasheet
1Mb / 4P
   40 Amp Power Relay
PTRA PICKER-PTRA_14 Datasheet
304Kb / 2P
   40 AMP Power PCB Relay With AC Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com