Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQF140-4-4000-06 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # MQF140-4-4000-06
Description  Nominal centre frequency fo: 140.4 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MQF140-4-4000-06 Datasheet(HTML) 1 Page - Vectron International, Inc

  MQF140-4-4000-06 Datasheet HTML 1Page - Vectron International, Inc MQF140-4-4000-06 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
26 February 2010
Specification for monolithic crystal filter: M Q F 1 4 0 . 4 - 4 0 0 0 / 0 6
1. General
1.1. Package:


Similar Part No. - MQF140-4-4000-06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF149-9725-2400-01 VECTRON-MQF149-9725-2400-01 Datasheet
140Kb / 2P
   Nominal centre frequency fo: 149.9725 MHz
MQF149-9725-2400-02 VECTRON-MQF149-9725-2400-02 Datasheet
139Kb / 2P
   Nominal centre frequency fo: 149.9725 MHz
More results

Similar Description - MQF140-4-4000-06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF21-4-3000-20 VECTRON-MQF21-4-3000-20 Datasheet
33Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-4000-19 VECTRON-MQF21-4-4000-19 Datasheet
115Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-5000-08 VECTRON-MQF21-4-5000-08 Datasheet
87Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-65-5000-03 VECTRON-MQF21-65-5000-03 Datasheet
33Kb / 1P
   Nominal centre frequency fo: 21.65 MHz
MQF40-5-3000-03 VECTRON-MQF40-5-3000-03 Datasheet
70Kb / 1P
   Nominal centre frequency fo: 40.025 MHz
MQF40-048-2000 VECTRON-MQF40-048-2000_02 Datasheet
168Kb / 1P
   Nominal centre frequency fo: 40.5 MHz
MQF42-0-1000-01 VECTRON-MQF42-0-1000-01 Datasheet
28Kb / 1P
   Nominal centre frequency fo: 42.0 MHz
MQF44-814-3000-04 VECTRON-MQF44-814-3000-04 Datasheet
59Kb / 1P
   Nominal centre frequency fo: 44.814 MHz
MQF45-0-0750-17 VECTRON-MQF45-0-0750-17 Datasheet
58Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-1200-13 VECTRON-MQF45-0-1200-13 Datasheet
60Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com