Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54FCT540 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54FCT540
Description  Octal Buffer/Line Driver with TRI-STATE Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54FCT540 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54FCT540 Datasheet HTML 1Page - National Semiconductor (TI) 54FCT540 Datasheet HTML 2Page - National Semiconductor (TI) 54FCT540 Datasheet HTML 3Page - National Semiconductor (TI) 54FCT540 Datasheet HTML 4Page - National Semiconductor (TI) 54FCT540 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.5V to +7.0V
DC Input Diode Current (I
IK)
V
I = −0.5V
−20 mA
V
I = VCC + 0.5V
+20 mA
DC Input Voltage (V
I)
−0.5V to V
CC + 0.5V
DC Output Diode Current (I
OK)
V
O = −0.5V
−20 mA
V
O = VCC + 0.5V
+20 mA
DC Output Voltage (V
O)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (I
O)
±50 mA
DC V
CC or Ground Current
per Output Pin (I
CC or IGND)
±50 mA
Storage Temperature (T
STG)
−65˚C to +150˚C
Junction Temperature (T
J)
CDIP
175˚C
Recommended Operating
Conditions
Supply Voltage (V
CC)
’FCT
2.0V to 6.0V
Input Voltage (V
I)
0VtoV
CC
Output Voltage (V
O)
0VtoV
CC
Operating Temperature (T
A)
54FCT
−55˚C to +125˚C
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature, and output/input loading variables. National does not recom-
mend operation of FACT® circuits outside databook specifications.
DC Characteristics for ’FCT Family Devices
Symbol
Parameter
FCT540
Units
V
CC
Conditions
Min
Max
V
IH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
V
IL
Input LOW Voltage
0.8
V
Recognized LOW Signal
V
CD
Input Clamp Diode Voltage
−1.2
V
Min
I
IN = −18 mA
V
OH
Output HIGH Voltage
54FCT
4.3
V
Min
I
OH = −300 µA
54FCT
2.4
V
Min
I
OH = −12 mA
V
OL
Output LOW Voltage
54FCT
0.2
V
Min
I
OL = 300 µA
54FCT
0.55
V
Min
I
OL = 48 mA
I
IH
Input HIGH Current
5
µA
Max
V
IN = VCC
I
IL
Input LOW Current
−5
µA
Max
V
IN = 0.0V
I
OZH
Output Leakage Current
10
µA
Max
V
OUT = 5.5V; OEn = 2.0V
I
OZL
Output Leakage Current
−10
µA
Max
V
OUT = 0.0V; OEn = 2.0V
I
OS
Output Short-Circuit Current
-60
mA
Max
V
OUT = 0.0V
I
CCQ
Quiescent Power
Supply Current
1.5
mA
Max
V
IN < 0.2V or VIN 5.3V, VCC =
5.5V
∆I
CC
Quiescent Power
Supply Current
2.0
mA
Max
V
I = VCC − 2.1V
I
CCD
Dynamic I
CC
0.4
mA/
MHz
Max
V
CC = 5.5V, Outputs Open,
One Bit Toggling, 50% Duty
Cycle, OE
n = GND
I
CC
Total Power Supply
Current
6.0
mA
Max
V
CC = 5.5V, Outputs Open, fI
= 10MHz, OE
n = GND, One
Bit Toggling, 50% Duty Cycle
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
www.national.com
2


Similar Part No. - 54FCT540

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541DMQB NSC-54FCT541DMQB Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541FMQB NSC-54FCT541FMQB Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541LMQB NSC-54FCT541LMQB Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54FCT540

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
5962-86716012A TI-5962-86716012A Datasheet
111Kb / 5P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT244 TI1-54ABT244_13 Datasheet
306Kb / 10P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com