Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALN0071 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ALN0071
Description  Internally Matched LNA Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN0071 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ALN0071 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN0071 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN0071 Datasheet HTML 3Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
www.asb.co.kr
October 2014
plerowTM ALN0071
Internally Matched LNA Module
65
67
69
71
73
75
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
9
10
11
S21
S12
S11
S22
K
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
9
10
11
S21
S12
S11
S22
K
S-parameters
Noise Figure
OIP3
P1dB
65~75
+5 V
Typical Performance
(Measured)
S-parameters & K Factor


Similar Part No. - ALN0071

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALN0071 ASB-ALN0071 Datasheet
219Kb / 3P
   Internally Matched LNA Module
August 2017
ALN0071WT ASB-ALN0071WT Datasheet
540Kb / 3P
   Internally Matched LNA Module
September 2014
ALN0071WT ASB-ALN0071WT Datasheet
216Kb / 3P
   Internally Matched LNA Module
August 2017
ALN0071WT ASB-ALN0071WT_17 Datasheet
216Kb / 3P
   Internally Matched LNA Module
August 2017
ALN0071 ASB-ALN0071_17 Datasheet
219Kb / 3P
   Internally Matched LNA Module
August 2017
More results

Similar Description - ALN0071

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE2350T2 ASB-ALE2350T2 Datasheet
413Kb / 3P
   Internally Matched LNA Module
July 2009
ALE3025T2 ASB-ALE3025T2 Datasheet
415Kb / 3P
   Internally Matched LNA Module
April 2010
ALN0910 ASB-ALN0910 Datasheet
421Kb / 3P
   Internally Matched LNA Module
August 2011
ALN1220AT ASB-ALN1220AT Datasheet
443Kb / 4P
   Internally Matched LNA Module
June 2009
ALN1956 ASB-ALN1956_13 Datasheet
481Kb / 3P
   Internally Matched LNA Module
June 2010
ALN1972T2 ASB-ALN1972T2 Datasheet
597Kb / 3P
   Internally Matched LNA Module
January 2009
ALN2045 ASB-ALN2045_13 Datasheet
750Kb / 4P
   Internally Matched LNA Module
September 2007
ALN2047 ASB-ALN2047_13 Datasheet
620Kb / 3P
   Internally Matched LNA Module
November 2008
ALN2332 ASB-ALN2332_13 Datasheet
727Kb / 4P
   Internally Matched LNA Module
November 2008
ALN1880AT ASB-ALN1880AT_13 Datasheet
474Kb / 3P
   Internally Matched LNA Module
November 2008
ALN1945T2 ASB-ALN1945T2_13 Datasheet
618Kb / 3P
   Internally Matched LNA Module
December 2007
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com