Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGN1440 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # AGN1440
Description  Ku Band GaN Amplifier MMIC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AGN1440 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  AGN1440 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AGN1440 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AGN1440 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AGN1440 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AGN1440 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AGN1440 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AGN1440 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AGN1440 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AGN1440 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
ASB Inc.
 sales@asb.co.kr
June 2015
AGN1440
3. Application: 13.75 ~ 14.50 GHz
3.1 Application Circuit
3.2 Biasing Procedure
Make sure no RF power is applied to the device before continuing.
Pinch off device by setting VGG to -3.5 V.
Raise VDD to +28 V while monitoring drain current.
Raise VGG until drain current reaches 350 mA. VGG should be between -3.5 and -2.5 V.
Apply RF power.
To improve the thermal and RF performance, ASB recommends a heat sinker attached to the
bottom of the package with an Indium alloy preform.
Note 1: The capacitors are recommended on the bias supply line, close to the package,
in order to prevent video oscillations which could damage the module.


Similar Part No. - AGN1440

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
   Ku Band GaN Power Amplifier MMIC
Sept 2015
More results

Similar Description - AGN1440

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
   Ku Band GaN Power Amplifier MMIC
Sept 2015
logo
Eudyna Devices Inc
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
   Ku Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1436 ASB-ASX1436 Datasheet
916Kb / 20P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
   Ku Band Power Amplifier MMIC
FMM5059VF EUDYNA-FMM5059VF Datasheet
202Kb / 16P
   Ku Band Power Amplifier MMIC
EMM5081V1B EUDYNA-EMM5081V1B Datasheet
197Kb / 16P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1437 ASB-ASX1437 Datasheet
551Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1536 ASB-ASX1536 Datasheet
602Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com