Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4583-04 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # S4583-04
Description  POSITION SENSITIVE DETECTOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S4583-04 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button S4583-04 Datasheet HTML 4Page - List of Unclassifed Manufacturers S4583-04 Datasheet HTML 5Page - List of Unclassifed Manufacturers S4583-04 Datasheet HTML 6Page - List of Unclassifed Manufacturers S4583-04 Datasheet HTML 7Page - List of Unclassifed Manufacturers S4583-04 Datasheet HTML 8Page - List of Unclassifed Manufacturers S4583-04 Datasheet HTML 9Page - List of Unclassifed Manufacturers S4583-04 Datasheet HTML 10Page - List of Unclassifed Manufacturers S4583-04 Datasheet HTML 11Page - List of Unclassifed Manufacturers S4583-04 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
5
A PSD basically consists of a uniform resistive layer
formed on one or both surfaces of a high-resistivity semi-
conductor substrate, and a pair of electrodes formed on
both ends of the resistive layer for extracting position
signals. The active area, which is also a resistive layer,
has a PN junction that generates photocurrent by means
of the photovoltaic effect.
KPSDC0010EA
KPSDC0006EA
By finding the difference or ratio of Ix1 to Ix2, the light input
position can be obtained by the formulas (1-3), (1-4), (1-7)
and (1-8) irrespective of the incident light intensity level
and its changes. The light input position obtained here cor-
responds to the center-of-gravity of the light beam.
Figure 1-1 shows a sectional view of a PSD using a simple
illustration to explain the operating principle. The PSD has
a P-type resistive layer formed on an N-type high-resistive
silicon substrate. This P-layer serves as an active area for
photoelectric conversion and a pair of output electrodes
are formed on the both ends of the P-layer. On the
backside of the silicon substrate is an N-layer to which a
common electrode is connected. Basically, this is the
same structure as that of PIN photodiodes except for the
P-type resistive layer on the surface.
When a spot light strikes the PSD, an electric charge
proportional to the light intensity is generated at the
incident position. This electric charge is driven through the
resistive layer and collected by the output electrodes X1
and X2 as photocurrents, while being divided in inverse
proportion to the distance between the incident position
and each electrode.
The relation between the incident light position and the
photocurrents from the output electrodes X1, X2 is given by
the following formulas.
l When the center point of PSD is set at the origin:
l When the end of PSD is set at the origin:
Io : Total photocurrent (IX1 + IX2)
IX1: Output current from electrode X1
IX2: Output current from electrode X2
LX: Resistance length (length of the active area)
XA: Distance from the electrical center of PSD to the light input position
XB: Distance from the electrode X1 to the light input position
In the above formula, IX1 and IX2 are the output currents
obtained from the electrodes shown in Figure 2-2.
l Position conversion formula (See Figure 2-2.)
Two-dimensional PSDs are grouped by structure into duo-
lateral and tetra-lateral types. Among the tetra-lateral type
PSDs, a pin-cushion type with an improved active area
and electrodes is also provided. (See “3-3”.) The position
conversion formulas slightly differ according to the PSD
structure. Two-dimensional PSDs have two pairs of output
electrodes, X1, X2 and Y1, Y2.
3-1 Duo-lateral type PSD
On the duo-lateral type, the N-layer shown in the sectional
view of Figure 1-1 is processed to form a resistive layer,
and two pair of electrodes are formed on both surfaces as
X and Y electrodes arranged at right angles. (See Figure
3-1.) The X position signals are extracted from the X elec-
trodes on the upper surface, while the Y position signals
are extracted from the Y electrodes on the bottom surface.
As shown in Figure 3-1, a photocurrent with a polarity op-
posite that of the other surface is on each surface, to pro-
duce signal currents twice as large as the tetra-lateral type
and achieve a higher position resolution. In addition, when
compared to the tetra-lateral type, the duo-lateral type of-
fers excellent position detection characteristics because
the electrodes are not in close proximity. The light input
position can be calculated from conversion formulas (3-1)
and (3-2).
Figure 2-1 Structure chart, equivalent circuit (one-dimensional PSD)
Figure 2-2 Active area chart (one-dimensional PSD)
KPSDC0005EA
Figure 1-1 PSD sectional view
IX2 =
=
............ (1-3)
IX2 - IX1
IX1 + IX2
2XA
LX
=
.............. (1-4)
IX1
IX2
LX - 2XA
LX + 2XA
=
...... (1-7)
IX2 - IX1
IX1 + IX2
2XB - LX
LX
=
........ (2-1)
IX2 - IX1
IX1 + IX2
2x
LX
=
................ (1-8)
IX1
IX2
LX - XB
XB
IX1 =
. Io ............. (1-5)
LX - XB
LX
IX2 =
. Io ................. (1-6)
XB
LX
Characteristic and use
1. Basic principle
2. One-dimensional PSD
3. Two-dimensional PSD
IX1 =
LX
2
LX
......... (1-1)
× Io
- XA
LX
2
LX
...... (1-2)
× Io
+ XA
OUTPUT IX1
PHOTOCURRENT
XB
INCIDENT
LIGHT
P LAYER
RESISTANCE LENGTH LX
COMMON
ELECTRODE
XA
OUTPUT IX2
ELECTRODE X1
ELECTRODE X2
I LAYER
N LAYER
LX
X1
X2
ACTIVE AREA
x
P
D
Cj
Rsh
Rp
: CURRENT GENERATOR
: IDEAL DIODE
: JUNCTION CAPACITANCE
: SHUNT RESISTANCE
: POSITIONING RESISTANCE
PD
Cj Rsh
Rp
CATHODE
(COMMON)
ANODE (X2)
ANODE (X1)


Similar Part No. - S4583-04

ManufacturerPart #DatasheetDescription
logo
AUK corp
S4580 AUK-S4580 Datasheet
358Kb / 5P
   Dual OP AMP
S4580 AUK-S4580 Datasheet
364Kb / 4P
   Dual OP AMP
logo
KODENSHI_AUK CORP.
S4580 KODENSHI-S4580 Datasheet
348Kb / 7P
   dudal operational amplifer, speciallydesigned for improving the tone cotrol, which is most suitable for the audio application
logo
AUK corp
S4580P AUK-S4580P Datasheet
364Kb / 4P
   Dual OP AMP
logo
KODENSHI_AUK CORP.
S4580P KODENSHI-S4580P Datasheet
147Kb / 5P
   Dual OP AMP
More results

Similar Description - S4583-04

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD_15 Datasheet
508Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR
IC-OD ICHAUS-IC-OD_10 Datasheet
578Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD Datasheet
302Kb / 9P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
logo
Sharp Corporation
PD3151F SHARP-PD3151F Datasheet
37Kb / 3P
   Position Sensitive Detector with Location Hole (PSD *)
logo
KODENSHI_AUK CORP.
KSD402 KODENSHI-KSD402 Datasheet
201Kb / 2P
   Position Sensitive Diodes
SD-402 KODENSHI-SD-402 Datasheet
195Kb / 2P
   Position Sensitive Diodes
SD-503 KODENSHI-SD-503 Datasheet
230Kb / 2P
   Position Sensitive Diodes
SD-101 KODENSHI-SD-101 Datasheet
241Kb / 2P
   Position Sensitive Diodes
SD-112S KODENSHI-SD-112S Datasheet
246Kb / 2P
   Position Sensitive Diodes
SD-201 KODENSHI-SD-201 Datasheet
239Kb / 2P
   Position Sensitive Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com