Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC415-1B-48CNIL-X Datasheet(PDF) 2 Page - Picker Components

Part # PC415-1B-48CNIL-X
Description  10 Amp Subminiature PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC415-1B-48CNIL-X Datasheet(HTML) 2 Page - Picker Components

  PC415-1B-48CNIL-X Datasheet HTML 1Page - Picker Components PC415-1B-48CNIL-X Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
PCTxL Rev A 7/30/14
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
Caution: 1. The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2. Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Side View
End View
Dimensions in Millimeters (inches)
Bottom View
PC Board Layout
Notes: Contact Form C shown
On Contact Forms A & B Unused Pins are Omitted
Tolerances ± .010 unless otherwise noted
Coil Data
Coil Voltage
Coil Power
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
Resistance ohms ± 10%
360 mW
450 mW
800 mW
3
25
20
11
2.1
0.3
3.9
5
70
55.6
31
3.5
0.5
6.5
6
100
80
45
4.2
0.6
7.8
9
225
180
101
6.3
0.9
11.7
12
400
320
180
8.40
1.2
15.6
24
1600
1280
720
16.8
2.4
31.2
48
6400
5120
2880
33.60
4.8
62.4
PC415
PC415
Wiring Diagram


Similar Part No. - PC415-1B-48CNIL-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC415 PICKER-PC415 Datasheet
162Kb / 2P
   15 Amp Subminature PCB Power Relay
PC4151A-12C PICKER-PC4151A-12C Datasheet
162Kb / 2P
   15 Amp Subminature PCB Power Relay
PC4151A-12CF PICKER-PC4151A-12CF Datasheet
162Kb / 2P
   15 Amp Subminature PCB Power Relay
PC4151A-12CFG PICKER-PC4151A-12CFG Datasheet
162Kb / 2P
   15 Amp Subminature PCB Power Relay
PC4151A-12CFT PICKER-PC4151A-12CFT Datasheet
162Kb / 2P
   15 Amp Subminature PCB Power Relay
More results

Similar Description - PC415-1B-48CNIL-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC236 PICKER-PC236 Datasheet
174Kb / 2P
   Subminiature 10 Amp PCB Power Relay
PC415 PICKER-PC415_17 Datasheet
457Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC236 PICKER-PC236_17 Datasheet
3Mb / 2P
   10 Amp & 20 Amp Subminiature PCB Power Relay
PC236 PICKER-PC236_15 Datasheet
542Kb / 2P
   10 Amp & 20 Amp Subminiature PCB Power Relay
PC236 PICKER-PC236_14 Datasheet
200Kb / 2P
   Subminiature 10 Amp and 20 Amp PCB Power Relay
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962_15 Datasheet
532Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6962 AZETTLER-AZ6962 Datasheet
125Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
AZ7671 AZETTLER-AZ7671 Datasheet
180Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com