Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT139-800E Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BT139-800E
Description  BT139 series E Triacs; sensitive gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT139-800E Datasheet(HTML) 4 Page - NXP Semiconductors

  BT139-800E Datasheet HTML 1Page - NXP Semiconductors BT139-800E Datasheet HTML 2Page - NXP Semiconductors BT139-800E Datasheet HTML 3Page - NXP Semiconductors BT139-800E Datasheet HTML 4Page - NXP Semiconductors BT139-800E Datasheet HTML 5Page - NXP Semiconductors BT139-800E Datasheet HTML 6Page - NXP Semiconductors BT139-800E Datasheet HTML 7Page - NXP Semiconductors BT139-800E Datasheet HTML 8Page - NXP Semiconductors BT139-800E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
9397 750 13437
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 23 September 2004
4 of 12
Philips Semiconductors
BT139 series E
Triacs; sensitive gate
tp ≤ 20 ms.
(1) dIT/dt limit.
(2) T2
− G+ quadrant.
Fig 3.
Non-repetitive peak on-state current as a function of pulse width; maximum values.
f = 50 Hz; Tmb ≤ 99 °C.
(1) Tmb = 99 °C.
Fig 4.
RMS on-state current as a function of surge
duration; maximum values.
Fig 5.
RMS on-state current as a function of mounting
base temperature; maximum values.
001aab092
T (ms)
10−2
102
10
10−1
1
102
103
ITSM
(A)
10
T
IT
ITSM
t
Tj(initial) = 25 °C max
(2)
(1)
surge duration (s)
10−2
10
1
10−1
001aab090
20
30
10
40
50
IT(RMS)
(A)
0
Tmb (°C)
−50
150
100
050
001aab091
10
5
15
20
IT(RMS)
(A)
0
(1)


Similar Part No. - BT139-800E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT139-800E PHILIPS-BT139-800E Datasheet
44Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
logo
Kersemi Electronic Co.,...
BT139-800E KERSEMI-BT139-800E Datasheet
762Kb / 4P
   Glass passivated triacs in a plastic
logo
NXP Semiconductors
BT139-800E PHILIPS-BT139-800E Datasheet
48Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
logo
WeEn Semiconductors
BT139-800E WEEN-BT139-800E Datasheet
288Kb / 13P
   4Q Triac
logo
Inchange Semiconductor ...
BT139-800E ISC-BT139-800E Datasheet
243Kb / 2P
   isc Triacs
More results

Similar Description - BT139-800E

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com