Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT139-600E Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BT139-600E
Description  BT139 series E Triacs; sensitive gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT139-600E Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BT139-600E Datasheet HTML 3Page - NXP Semiconductors BT139-600E Datasheet HTML 4Page - NXP Semiconductors BT139-600E Datasheet HTML 5Page - NXP Semiconductors BT139-600E Datasheet HTML 6Page - NXP Semiconductors BT139-600E Datasheet HTML 7Page - NXP Semiconductors BT139-600E Datasheet HTML 8Page - NXP Semiconductors BT139-600E Datasheet HTML 9Page - NXP Semiconductors BT139-600E Datasheet HTML 10Page - NXP Semiconductors BT139-600E Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
9397 750 13437
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 23 September 2004
7 of 12
Philips Semiconductors
BT139 series E
Triacs; sensitive gate
(1) T2
− G+.
(2) T2+ G
−.
(3) T2
− G−.
(4) T2+ G+.
Fig 7.
Normalized gate trigger voltage as a function of
junction temperature.
Fig 8.
Normalized gate trigger current as a function of
junction temperature.
VO = 1.195 V.
Rs = 0.018 Ω.
(1) Tj = 125 °C; typical values.
(2) Tj =25 °C; maximum values.
(3) Tj = 125 °C; maximum values.
Fig 9.
On-state current characteristics.
Fig 10. Normalized latching current as a function of
junction temperature.
Tj (°C)
−50
150
100
050
001aab101
0.8
1.2
1.6
0.4
VGT(Tj)
VGT(25°C)
Tj (°C)
−50
150
100
050
001aab448
1
2
3
IGT(Tj)
IGT(25
°C)
0
(1)
(2)
(3)
(4)
001aab094
VT (V)
03
2
1
20
30
10
40
50
IT
(A)
0
(1)
(3)
(2)
Tj (°C)
−50
150
100
050
001aab100
1
2
3
0
IL(Tj)
IL(25°C)


Similar Part No. - BT139-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT139-600E PHILIPS-BT139-600E Datasheet
44Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
BT139-600E NXP-BT139-600E Datasheet
195Kb / 14P
   4Q Triac High blocking voltage capability
Rev. 04-24 February 2011
logo
Kersemi Electronic Co.,...
BT139-600E KERSEMI-BT139-600E Datasheet
762Kb / 4P
   Glass passivated triacs in a plastic
logo
Inchange Semiconductor ...
BT139-600E ISC-BT139-600E Datasheet
132Kb / 1P
   isc Triacs
logo
NXP Semiconductors
BT139-600E PHILIPS-BT139-600E Datasheet
48Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
More results

Similar Description - BT139-600E

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com