Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC729H-1C-C-6C-R-X Datasheet(PDF) 1 Page - Picker Components

Part # PC729H-1C-C-6C-R-X
Description  60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC729H-1C-C-6C-R-X Datasheet(HTML) 1 Page - Picker Components

  PC729H-1C-C-6C-R-X Datasheet HTML 1Page - Picker Components PC729H-1C-C-6C-R-X Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC792H Rev F 1/21/2016
1 of 2
FEATURES
 Most Popular Automotive Relay Footprint
 1A and 1C Contact Forms Available
 Contact Switching Capacity up to 180 Amps
60 Amps Continuous Carrying Current
 Up to 1250C Operating Temperature
 Internal Diodes or Resistors Available
 Compatible with Socket SC792
 Lead Free and RoHS Compliant
CONTACT RATINGS 24 VDC at 25oC
CHARACTERISTICS
CONTACT DATA
ORDERING INFORMATION
CONTACT RATINGS 14 VDC at 25oC
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC792H
Contact Form
1 Form A or 1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 180 A(1)
Make 120 A(1)
Break 60 A
Break 40 A
60 A @ 25°C
40 A @ 25°C
Max Continuous Current
45 A @ 85°C
30 A @ 85°C
Max Switching Voltage
75 VDC
Max. Switching Power
1120 W
Minimum Load
0.5A @ 12VDC
Operating Temperature
-40°C to 125
°C
Storage Temperature
-40°C to 155°C
Relative Humidity
85% at 40°C
Weight
46 grams, 48 grams w/Metal Bracket
Material
AgSnO2
Initial Contact Resistance
100 MΩ Max @ 0.1 A, 6 VDC
Service Life
Electrical
1 x 105 Operations
Mechanical
1 x 107 Operations
Example:
PC792H
-1C
-C1
-12
C
-N
-X
Model: PC792H
Contact Form: 1A, 1C
Case Style: C: Plug-In; C1: Plastic Bracket;
C2: Metal Bracket; P: PC Pins
Coil Voltage: 6, 12, 24
Enclosure: C: Dust Cover
Parallel Component: Nil: None; D: Diode; R: Resistor; N: Nickel Plated Terminals
RoHS Compliant: -X
Box Quantity: 400; Inner Box:100
Contact Form
1 Form A or 1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 90 A(1)
Make 60 A(1)
Break 30 A
Break 20 A
30 A @ 25°C
20 A @ 25°C
Max Continuous Current
22.5 A @ 25°C
15 A @ 85°C
Max Switching Voltage
75 VDC
Max. Switching Power
1120 W
Minimum Load
0.5A @ 24 VDC
Operate Time
7 msec Typical
Release Time
2 msec Typical
Insulation Resistance
100 MΩ Min @ 500VDC
Dielectric Strength
50 Hz 500VRMS 1 min. Between Contact and Coil
50 Hz 500VRMS 1 min. Between Contacts
Shock Resistance
147 m/s² 11 msec
Vibration Resistance
10-40 Hz Double Amplitude 1.5mm
Terminal Strength
8 N, 4N (PC Type)
Solderability
235
⁰C ± 2⁰C 3 sec ± 0.5 sec
Powewr Consumption
1.8 W Standard, 2.3 W & 2.6 W Optional
(1)
With current load applied for a maximum of 3 seconds at a maximum duty
cycle of 10%.
See SC792 for available sockets
Resistor Values:
6V -180 ohm
12V - 680 ohm
24V - 2,700 ohm
Diode: 1N4005


Similar Part No. - PC729H-1C-C-6C-R-X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC729 SHARP-PC729 Datasheet
61Kb / 4P
   Bi-directional Output Type Photocoupler
logo
Picker Components
PC729C-1A-C-12C-N-X PICKER-PC729C-1A-C-12C-N-X Datasheet
303Kb / 2P
   50/40 Amp Automotive Plug-In / PCB Power Relay
PC729C-1A-C-12C-R-X PICKER-PC729C-1A-C-12C-R-X Datasheet
303Kb / 2P
   50/40 Amp Automotive Plug-In / PCB Power Relay
PC729C-1A-C-24C-N-X PICKER-PC729C-1A-C-24C-N-X Datasheet
303Kb / 2P
   50/40 Amp Automotive Plug-In / PCB Power Relay
PC729C-1A-C-24C-R-X PICKER-PC729C-1A-C-24C-R-X Datasheet
303Kb / 2P
   50/40 Amp Automotive Plug-In / PCB Power Relay
More results

Similar Description - PC729H-1C-C-6C-R-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC792H PICKER-PC792H_17 Datasheet
1Mb / 2P
   60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC796 PICKER-PC796 Datasheet
647Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_17 Datasheet
649Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_16 Datasheet
629Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC796 PICKER-PC796_17 Datasheet
631Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC7150 PICKER-PC7150_17 Datasheet
322Kb / 2P
   150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC7150 PICKER-PC7150_15 Datasheet
661Kb / 2P
   150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC792B PICKER-PC792B Datasheet
679Kb / 2P
   40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PC792H PICKER-PC792H Datasheet
239Kb / 3P
   60/40 Amp Automotive Plug-In / PCB Power Relay
PC792H PICKER-PC792H_14 Datasheet
137Kb / 2P
   60/40 Amp Automotive Plug-In / PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com